Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 17 Page - Motorola, Inc

Part # MPC850
Description  Communications Controller Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC850 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button MPC850 Datasheet HTML 13Page - Motorola, Inc MPC850 Datasheet HTML 14Page - Motorola, Inc MPC850 Datasheet HTML 15Page - Motorola, Inc MPC850 Datasheet HTML 16Page - Motorola, Inc MPC850 Datasheet HTML 17Page - Motorola, Inc MPC850 Datasheet HTML 18Page - Motorola, Inc MPC850 Datasheet HTML 19Page - Motorola, Inc MPC850 Datasheet HTML 20Page - Motorola, Inc MPC850 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
MOTOROLA
MPC850 (Rev. A/B/C) Hardware Specifications
17
Layout Practices
B37
UPWAIT valid to CLKOUT falling
edge 10
6.00
—
6.00
—
6.00
—
—
50.00
ns
B38
CLKOUT falling edge to UPWAIT
valid 10
1.00
—
1.00
—
1.00
—
—
50.00
ns
B39
AS valid to CLKOUT rising edge
11
7.00
—
7.00
—
7.00
—
—
50.00
ns
B40
A[6–31], TSIZ[0–1], RD/WR,
BURST, valid to CLKOUT rising
edge.
7.00
—
7.00
—
7.00
—
—
50.00
ns
B41
TS valid to CLKOUT rising edge
(setup time)
7.00
—
7.00
—
7.00
—
—
50.00
ns
B42
CLKOUT rising edge to TS valid
(hold time)
2.00
—
2.00
—
2.00
—
—
50.00
ns
B43
AS negation to memory
controller signals negation
—
TBD
—
TBD
TBD
—
—
50.00
ns
1
The minima provided assume a 0 pF load, whereas maxima assume a 50pF load. For frequencies not marked on the
part, new bus timing must be calculated for all frequency-dependent AC parameters. Frequency-dependent AC
parameters are those with an entry in the FFactor column. AC parameters without an FFactor entry do not need to be
calculated and can be taken directly from the frequency column corresponding to the frequency marked on the part.
The following equations should be used in these calculations.
For a frequency F, the following equations should be applied to each one of the above parameters:
For minima:
For maxima:
where:
D is the parameter value to the frequency required in ns
F is the operation frequency in MHz
D50 is the parameter value defined for 50 MHz
CAP LOAD is the capacitance load on the signal in question.
FFACTOR is the one defined for each of the parameters in the table.
2
Phase and frequency jitter performance results are valid only if the input jitter is less than the prescribed value.
3
If the rate of change of the frequency of EXTAL is slow (i.e. it does not jump between the minimum and maximum
values in one cycle) or the frequency of the jitter is fast (i.e., it does not stay at an extreme value for a long time) then
the maximum allowed jitter on EXTAL can be up to 2%.
4
The timing for BR output is relevant when the MPC850 is selected to work with external bus arbiter. The timing for BG
output is relevant when the MPC850 is selected to work with internal bus arbiter.
5
The setup times required for TA, TEA, and BI are relevant only when they are supplied by an external device (and not
when the memory controller or the PCMCIA interface drives them).
6
The timing required for BR input is relevant when the MPC850 is selected to work with the internal bus arbiter. The
timing for BG input is relevant when the MPC850 is selected to work with the external bus arbiter.
7
The D[0–31] and DP[0–3] input timings B20 and B21 refer to the rising edge of the CLKOUT in which the TA input
signal is asserted.
Table 6. Bus Operation Timing 1 (continued)
Num
Characteristic
50 MHz
66 MHz
80 MHz
FFACT
Cap Load
(default
50 pF)
Unit
Min
Max
Min
Max
Min
Max
D =
FFACTOR x 1000
F
(D50 - 20 x FFACTOR)
+
D =
FFACTOR x 1000
F
(D50 -20 x FFACTOR)
++
1ns(CAP LOAD - 50) / 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com