Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 43 Page - Motorola, Inc

Part # MPC850
Description  Communications Controller Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC850 Datasheet(HTML) 43 Page - Motorola, Inc

Back Button MPC850 Datasheet HTML 39Page - Motorola, Inc MPC850 Datasheet HTML 40Page - Motorola, Inc MPC850 Datasheet HTML 41Page - Motorola, Inc MPC850 Datasheet HTML 42Page - Motorola, Inc MPC850 Datasheet HTML 43Page - Motorola, Inc MPC850 Datasheet HTML 44Page - Motorola, Inc MPC850 Datasheet HTML 45Page - Motorola, Inc MPC850 Datasheet HTML 46Page - Motorola, Inc MPC850 Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
MOTOROLA
MPC850 (Rev. A/B/C) Hardware Specifications
43
Timer AC Electrical Specifications
8.4
Timer AC Electrical Specifications
Table 16 provides the baud rate generator timings as shown in Figure 44.
Figure 44. CPM General-Purpose Timers Timing Diagram
8.5
Serial Interface AC Electrical Specifications
Table 17 provides the serial interface timings as shown in Figure 45 to Figure 49.
Table 16. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10.00
—
ns
62
TIN/TGATE low time
1.00
—
clk
63
TIN/TGATE high time
2.00
—
clk
64
TIN/TGATE cycle time
3.00
—
clk
65
CLKO high to TOUT valid
3.00
25.00
ns
Table 17. SI Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
70
L1RCLK, L1TCLK frequency (DSC = 0) 1, 2
—
SYNCCLK/2.
5
MHz
71
L1RCLK, L1TCLK width low (DSC = 0) 2
P + 10
—
ns
71a
L1RCLK, L1TCLK width high (DSC = 0) 3
P + 10
—
ns
72
L1TXD, L1STn, L1RQ, L1xCLKO rise/fall time
—
15.00
ns
73
L1RSYNC, L1TSYNC valid to L1xCLK edge Edge
(SYNC setup time)
20.00
—
ns
CLKOUT
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com