Electronic Components Datasheet Search
  English  ▼

X  

UPD17062 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 164Page - Renesas Technology Corp UPD17062 Datasheet HTML 165Page - Renesas Technology Corp UPD17062 Datasheet HTML 166Page - Renesas Technology Corp UPD17062 Datasheet HTML 167Page - Renesas Technology Corp UPD17062 Datasheet HTML 168Page - Renesas Technology Corp UPD17062 Datasheet HTML 169Page - Renesas Technology Corp UPD17062 Datasheet HTML 170Page - Renesas Technology Corp UPD17062 Datasheet HTML 171Page - Renesas Technology Corp UPD17062 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 298 page
background image
166
µPD17062
13.5.3
Cautions in Using the Clock Stop Instruction
The clock stop instruction (STOP s) is effective only when the CE pin is at a low level.
To enable the clock stop state to be released, the program must therefore have a provision to handle when
the CE pin happens to be at a high.
Such a provision is explained using the example below.
Example
XTAL
DAT 0000B
; Defines a symbol for the clock stop condition.
CEJDG:
;
#
SKF1
CE
; Built-in macro
; Checks the input level at the CE pin.
BR
MAIN
; Branches to the main process if the CE pin is high.
Process A
; Processing performed when the CE pin is low
;
$
STOP
XTAL
; Stops the clock.
;
%
BR
$ - 1
MAIN:
Main process
BR CEJDG
The above program checks the CE pin at
#. If the CE pin is at a low, the clock stop instruction (STOP XTAL)
at
$ is executed after process A is finished.
If the CE pin goes high during execution of the STOP XTAL instruction at
$ as shown below, the STOP
XTAL instruction is treated as a no-operation (NOP). If the program does not contain the branch instruction
(BR $ - 1) at
%, program control is passed to the main process, possibly resulting in a malfunction.
The program must always have a branch instruction at
% or have a provision that can prevent a malfunction
in the main process.
Even if the CE pin remains high, the branch instruction at
$ allows a CE reset to occur next time the timer
carry FF is set.
5 V
0 V
VDD
CE pin
##
#
$ STOP XTAL
The STOP XTAL
becomes a NOP
instruction because
the CE pin is high
level.
The program starts from
address 0 in synchronization
with setting of the timer carry
FF. (CE reset)
Main
proces-
sing
Process A
CE pin detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com