Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # UPD17072
Description  MOS INTEGRATED CIRCUIT
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17072 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button UPD17072 Datasheet HTML 55Page - Renesas Technology Corp UPD17072 Datasheet HTML 56Page - Renesas Technology Corp UPD17072 Datasheet HTML 57Page - Renesas Technology Corp UPD17072 Datasheet HTML 58Page - Renesas Technology Corp UPD17072 Datasheet HTML 59Page - Renesas Technology Corp UPD17072 Datasheet HTML 60Page - Renesas Technology Corp UPD17072 Datasheet HTML 61Page - Renesas Technology Corp UPD17072 Datasheet HTML 62Page - Renesas Technology Corp UPD17072 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 228 page
background image
57
µPD17072,17073
10. GENERAL-PURPOSE PORT
The general-purpose ports output high or low floating signals to external circuits, and reads high or low level signals
from external circuits.
10.1 General
Table 10-1 shows the relations between each port and port register.
The general-purpose ports are classified into I/O ports, input ports, and output ports.
The I/O port is the bit I/O ports, which can be set in the input or output mode in 1-bit (1-pin) units.
Table 10-1. Relations between Each Port (Pin) and Port Register
Port
Pin
Data setting method
No.
Symbol
I/O
Port register (data memory)
Remarks
56-pin 64-pin
Bank
Address
Symbol
Bit symbol
QFP
TQFP
(reserved word)
Port 0A
5
6
P0A3
Output
BANK0
70H
P0A
b3
P0A3
4
4
P0A2
b2
P0A2
3
3
P0A1
b1
P0A1
2
2
P0A0
b0
P0A0
Port 0B
56
64
P0B3
I/O
71H
P0B
b3
P0B3
55
63
P0B2
(bit I/O)
b2
P0B2
54
62
P0B1
b1
P0B1
53
61
P0B0
b0
P0B0
Port 0C
No pin
72H
P0C
b3
–
Fixed to “0”
b2
–
15
17
P0C1
I/O
b1
P0C1
14
16
P0C0
(bit I/O)
b0
P0C0
Port 0D
17
19
P0D3
I/O
73H
P0D
b3
P0D3
16
18
P0D2
(bit I/O)
b2
P0D2
No pin
b1
–
Fixed to “0”
b0
–
Port 1A
13
15
P1A3
Input
BANK1
70H
P1A
b3
P1A3
12
14
P1A2
b2
P1A2
11
13
P1A1
b1
P1A1
10
11
P1A0
b0
P1A0
Port 1B
9
10
P1B3
Output
71H
P1B
b3
P1B3
8
9
P1B2
b2
P1B2
7
8
P1B1
b1
P1B1
6
7
P1B0
b0
P1B0
Port 1C
No pin
72H
P1C
b3
–
b2
–
Fixed to “0”
b1
–
1
1
P1C0
Output
b0
P1C0
73H
–
b3
–
Test mode area. Do not write
b2
“1” to this area.
b1
b0
––––––––– –––
–––––––– ––––
––––––– –––––
––––––––– –––
–––––––– ––––
––––––– –––––
––––––––– –––
–––––––– ––––
––––––– –––––
––––––––– –––
–––––––– ––––
––––––– –––––
–––––
–––––
–––––
––––––––– –––
–––––––– ––––––––– –– –––––––––––––––––––
––––––– –––––
––––––––– –––
–––––––– ––––––––– –– –––––––––––––––––––
––––––– –––––
––––––––– –––
––––––– –––––
–––––––– ––––––––– –– –––––––––––––––––––
––––––––– ––––––––– – -
–––––––– ––––––––– –– -
––––––– ––––––––– ––– -
––––––––– ––––––––– – -
–––––––– ––––––––– –– -
––––––– ––––––––– ––– -
––––––––– ––––––––– – -
–––––––– ––––––––– –– -
––––––– ––––––––– ––– -
––––––––– ––––––––– – -
–––––––– ––––––––– –– -
––––––– ––––––––– ––– -
––––––––– ––––––––– – –––––––– –
–––––––– –– ––––––– ––-
––––––––– – –––––––– –-
–––––––– –– ––––––– –––––––––––
––––––––– ––––––––– – –––––––– –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com