Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD17072
Description  MOS INTEGRATED CIRCUIT
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17072 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD17072 Datasheet HTML 5Page - Renesas Technology Corp UPD17072 Datasheet HTML 6Page - Renesas Technology Corp UPD17072 Datasheet HTML 7Page - Renesas Technology Corp UPD17072 Datasheet HTML 8Page - Renesas Technology Corp UPD17072 Datasheet HTML 9Page - Renesas Technology Corp UPD17072 Datasheet HTML 10Page - Renesas Technology Corp UPD17072 Datasheet HTML 11Page - Renesas Technology Corp UPD17072 Datasheet HTML 12Page - Renesas Technology Corp UPD17072 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 228 page
background image
7
µPD17072,17073
PIN IDENTIFICATION
AD0, AD1
: A/D converter input
AMIFC
: Intermediate frequency (IF) counter input
BEEP
: BEEP output
CAPCLD0, CAPLCD1 : Capacitor connection for LCD drive voltage
CE
: Chip enable
COM0-COM2
: LCD common signal output
EO
: Error out
FMIFC
: Intermediate frequency (IF) counter input
GND
: Ground
INT
: External interrupt request signal input
LCD0-LCD14
: LCD segment signal output
NC
: No connection
P0A0-P0A3
: Port 0A
P0B0-P0B3
: Port 0B
P0C0, P0C1
: Port 0C
P0D2, P0D3
: Port 0D
P1A0-P1A3
: Port 1A
P1B0-P1B3
: Port 1B
P1C0
: Port 1C
REGLCD0, REGLCD1 : LCD drive voltage
REG0
: PLL voltage regulator
REG1
: Oscillation circuit voltage regulator
SCK
: Serial clock I/O
SI
: Serial data input
SO0, SO1
: Serial data output
VCOL
: Local oscillator input
VCOH
: Local oscillator input
VDD
: Positive power supply
XIN, XOUT
: Crystal resonator connection pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com