Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # UPD17072
Description  MOS INTEGRATED CIRCUIT
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17072 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button UPD17072 Datasheet HTML 79Page - Renesas Technology Corp UPD17072 Datasheet HTML 80Page - Renesas Technology Corp UPD17072 Datasheet HTML 81Page - Renesas Technology Corp UPD17072 Datasheet HTML 82Page - Renesas Technology Corp UPD17072 Datasheet HTML 83Page - Renesas Technology Corp UPD17072 Datasheet HTML 84Page - Renesas Technology Corp UPD17072 Datasheet HTML 85Page - Renesas Technology Corp UPD17072 Datasheet HTML 86Page - Renesas Technology Corp UPD17072 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 228 page
background image
µPD17072,17073
81
Table 11-2. Issuing Interrupt Request By Changing IEG Flag
11.9.3 Interrupt control block
The level of a signal input to the INT pin can be detected by using the INT flag.
This flag is set or cleared independently of interrupts; therefore, it can be used as a 1-bit general-purpose input
port when the interrupt function is not used.
The INT flag can also be used as a general-purpose port that can detect the rising or falling edge by reading an
interrupt request flag if the interrupt corresponding to the flag is not enabled.
In this case, however, the interrupt request flag is not automatically cleared and must be cleared by program.
Also refer to Figure 11-10.
11.10 Internal Interrupt
Two internal interrupt sources, basic timer 1, and serial interface, are available.
11.10.1 Interrupt by basic timer 1
This interrupt request is issued at fixed time intervals.
For details, refer to 12. TIMER.
11.10.2 Interrupt by serial interface
This interrupt request is issued when a serial output or serial input operation has been completed.
For details, refer to 14. SERIAL INTERFACE.
1
→ 0
(falling)
(rising)
0
→ 1
(rising)
(falling)
Changes in IEG flag
INT pin status
Interrupt request
IRQ flag status
Low level
Not issued
Retains previous status
High level
Issued
Set to “1”
Low level
Issued
Set to “1”
High level
Not issued
Retains previous status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com