Electronic Components Datasheet Search
  English  ▼

X  

UPD72012 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 6Page - Renesas Technology Corp UPD72012 Datasheet HTML 7Page - Renesas Technology Corp UPD72012 Datasheet HTML 8Page - Renesas Technology Corp UPD72012 Datasheet HTML 9Page - Renesas Technology Corp UPD72012 Datasheet HTML 10Page - Renesas Technology Corp UPD72012 Datasheet HTML 11Page - Renesas Technology Corp UPD72012 Datasheet HTML 12Page - Renesas Technology Corp UPD72012 Datasheet HTML 13Page - Renesas Technology Corp UPD72012 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
8
Data Sheet S13918EJ3V0DS
µPD72012
(2/3)
Pin No.
Note 1
Pin Name
I/O
Signal Name
Function
18(24)
AVDD1
-
AVDD1
Power supply pin of on-chip clock drive circuit.
To stabilize the power supply, connect directly to a stable power
supply using the shortest wire possible or connect to GND via a
capacitor along the wire (3.3 V input).
19(25)
CLK / X2
I
CLOCK / XTAL
When you input a clock signal from an oscillator, input at the 48 MHz
CMOS level (5 V can be input).
When using a 4 MHz crystal oscillator, connect the oscillator to this
pin.
20(26)
X1
I
XTAL
When using a 4 MHz crystal oscillator, connect the oscillator to this
pin.
21(27)
AGND1
-
AGND1
GND pin of on-chip clock drive circuit.
Connect to GND.
22(28)
AGND2
-
AGND2
GND pin of on-chip frequency multiplier (PLL).
Connect to GND.
23(29)
AVDD2
-
AVDD2
Power supply pin of on-chip frequency multiplier (PLL).
To stabilize the power supply, connect directly to a stable power
supply using the shortest wire possible or connect to GND via a
capacitor along the wire (3.3 V input).
24(30)
DVDD
-DVDD
(TS1)
Test pin of
µPD72012 (corresponds to TS1 pin in µPD72011).
Connect to 3.3 V power supply.
25(31)
DGND
(Buffer)
-DGND
(Buffer)
Connect to GND.
26(32)
CS1
I
PORTCURRENT1
Low active input pin that inputs overcurrent states detected by
external circuit of downstream port #1.
When not using this pin, connect it directly to VDD.
Note 2
27(33)
CS2
I
PORTCURRENT2
Low active input pin that inputs overcurrent states detected by
external circuit of downstream port #2.
When not using this pin, connect it directly to VDD.
Note 2
28(34)
CS3
I
PORTCURRENT3
Low active input pin that inputs overcurrent states detected by
external circuit of downstream port #3.
When not using this pin, connect it directly to VDD.
Note 2
29(35)
CS4
I
PORTCURRENT4
Low active input pin that inputs overcurrent states detected by
external circuit of downstream port #4.
When not using this pin, connect it directly to VDD.
Note 2
30(36)
CS5
I
PORTCURRENT5
Low active input pin that inputs overcurrent states detected by
external circuit of downstream port #5.
When not using this pin, connect it directly to VDD.
Note 2
Notes 1.
Pin numbers for QFP are shown in ( ).
2.
For details, refer to Table 1-3 in 1.2 Tables by Pin Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com