Electronic Components Datasheet Search
  English  ▼

X  

UPD72012 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 15Page - Renesas Technology Corp UPD72012 Datasheet HTML 16Page - Renesas Technology Corp UPD72012 Datasheet HTML 17Page - Renesas Technology Corp UPD72012 Datasheet HTML 18Page - Renesas Technology Corp UPD72012 Datasheet HTML 19Page - Renesas Technology Corp UPD72012 Datasheet HTML 20Page - Renesas Technology Corp UPD72012 Datasheet HTML 21Page - Renesas Technology Corp UPD72012 Datasheet HTML 22Page - Renesas Technology Corp UPD72012 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Data Sheet S13918EJ3V0DS
17
µPD72012
2.4 Standard Endpoint Descriptor 1
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
0
bLength
1
Shows the size in bytes of standard endpoint
descriptor 1.
0x07
0x07
0x07
1
bDescriptorType
1
Shows that this is a standard endpoint descriptor.
0x05
0x05
0x05
2
bEndpointAddress
1
Shows the EndpointAddress of endpoint 1.
0x81
0x81
0x81
3
bmAttributes
1
Shows the attributes of endpoint 1
(Interrupt=“0x03”).
0x03
0x03
0x03
4
wMaxPacketSize
2
Shows the maximum packet size of endpoint 1.
0x0001
0x0001
0x0001
6
bInterval
1
For an Interrupt attribute endpoint, shows the polling
time in milliseconds using hexadecimal notation. For
a HUB, the maximum value that can be set (“0xFF”)
is entered.
0xFF
0xFF
0xFF
2.5 HUB Class Descriptor
(1/4)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
0
bDescLength
1
Shows the size in bytes of the HUB class descriptor.
0x09
0x09
0x09
1
bDescriptorType
1
Shows that this is a HUB class descriptor.
0x29
0x29
0x29
2
bNbrPort
1
Shows the number of downstream ports the HUB
supports in a set.
For a standard ROM code product (003, 004), the
value varies according to the PVSEL pin setting.
It is “0x05” for a 5-port HUB (PVSEL=“H”), and
“0x04” for a 4-port HUB (PVSEL=“L”).
For a Mask ROM code product, the value in this field
can be set arbitrarily. Since two-way setting by
switching the PVSEL input level is possible for these
values, perform two-way specification. Note that the
values that are set for PVSEL=“H” are from “0x01” to
“0x05”, and the values that are set for PVSEL=“L”
are from “0x01” to “0x04”. The
µPD72012 enables
ports in turn starting from the smallest port number.
0x04
(PVSEL=“L”)
or
0x05
(PVSEL=“H”)
0x04
(PVSEL=“L”)
or
0x05
(PVSEL=“H”)
0xXX
(PVSEL=“L”)
or
0xYY
(PVSEL=“H”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com