Electronic Components Datasheet Search
  English  ▼

X  

UPD72012 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 20Page - Renesas Technology Corp UPD72012 Datasheet HTML 21Page - Renesas Technology Corp UPD72012 Datasheet HTML 22Page - Renesas Technology Corp UPD72012 Datasheet HTML 23Page - Renesas Technology Corp UPD72012 Datasheet HTML 24Page - Renesas Technology Corp UPD72012 Datasheet HTML 25Page - Renesas Technology Corp UPD72012 Datasheet HTML 26Page - Renesas Technology Corp UPD72012 Datasheet HTML 27Page - Renesas Technology Corp UPD72012 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
22
Data Sheet S13918EJ3V0DS
µPD72012
3. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rating
Unit
Power supply voltage
VDD
–0.5 to +4.6
V
USB buffer
UD0, UD1, D10 to D50, D11 to D51
–0.5 to +4.6
V
Clock input buffer
X1, CLK/X2
–0.5 to +6.6
V
5 V Schmitt input buffer
RST, CS1 to CS5
–0.5 to +6.6
V
Input voltage
VI
5 V input buffer
CLKSEL, PSSEL, PVSEL
–0.5 to +4.6
V
USB buffer
UD0, UD1, D10 to D50, D11 to D51
–0.5 to +4.6
V
Open drain output buffer
PP1 to PP5
–0.5 to +6.6
V
Output voltage
VO
5 V output buffer
OSL
–0.5 to +6.6
V
Output current
IO
100
mA
Operating ambient temperature
TA
0 to +70
°C
Storage temperature
Tstg
–65 to +150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product is
on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions (TA = 0 to +70
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
3.0
3.3
3.6
V
High level input voltage
VIH
2.0
VDD
V
Low level input voltage
VIL
USB pin
UD0, UD1, D10 to D50, D11 to D51
00.8
V
High level input voltage
VIH
2.3
5.5
V
Low level input voltage
VIL
5 V Schmitt input pin
RST, CS1 to CS5
00.8
V
Input rise time for RST
tr
0.3 V to 2.7 V
10
ms
High level input voltage
VIH
2.0
5.5
V
Low level input voltage
VIL
5 V input pin
CLKSEL, PSSEL, PVSEL
00.8
V
High level input voltage
VIH
2.3
5.5
V
Low level input voltage
VIL
Clock input pin (at 48 MHz input)
X1, CLK/X2
00.8
V
Oscillator input (+100 ppm)
48.00
MHz
Clock input frequency
fCK
Oscillator input (+50 ppm)
4.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com