Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 4Page - Linear Technology LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology LTC6103 Datasheet HTML 11Page - Linear Technology LTC6103 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6103
8
6103f
APPLICATIONS INFORMATION
Sense Resistor Connection
Kelvin connections should be used between the inputs (+IN
and –IN) and the sense resistor in all but the lowest power
applications. Solder connections and PC board intercon-
nections that carry high current can cause significant error
in measurement due to their relatively large resistances.
One 10mm
× 10mm square trace of one-ounce copper
is approximately 0.5m
Ω. A 1mV error can be caused by
as little as 2A flowing through this small interconnect.
This will cause a 1% error in a 100mV signal. A 10A load
current in the same interconnect will cause a 5% error
for the same 100mV signal. By isolating the sense traces
from the high current paths, this error can be reduced
by orders of magnitude. A sense resistor with integrated
Kelvin sense terminals will give the best results. Figure 2
illustrates the recommended method.
Selection of External Input Resistor, RIN
The external input resistor, RIN, controls the trans-
conductance of the current sense circuit. Since:
I
V
R
OUT
SENSE
IN
=
, transconductance g
=
1
R
m
IN
For example, if RIN = 100Ω, then:
I
V
OUT
SENSE
=
100
Ω
or IOUT = 1mA for VSENSE = 100mV.
RIN should be chosen to allow the required resolution
while limiting the output current. At low supply voltage,
IOUT may be as much as 1mA. By setting RIN such that
the largest expected sense voltage gives IOUT = 1mA, then
the maximum output dynamic range is available. Output
dynamic range is limited by both the maximum allowed
output current and the maximum allowed output voltage,
as well as the minimum practical output signal. If less
dynamic range is required, then RIN can be increased
accordingly, reducing the maximum output current and
power dissipation. If low sense currents must be resolved
accurately in a system that has very wide dynamic range,
a smaller RIN than the maximum current specification
allows may be used if the maximum current is limited in
another way, such as with a Schottky diode across RSENSE
(Figure 3a). This will reduce the high current measurement
accuracy by limiting the result, while increasing the low
current measurement resolution.
This approach can be helpful in cases where occasional
large burst currents may be ignored. It can also be used
in a multi-range configuration where a low current circuit
is added to a high current circuit (Figure 3b). Note that a
comparator (LTC1540) is used to select the range, and
transistor M1 limits the voltage across RSENSE(LO).
Figure 2. Kelvin Input Connection Preserves
Accuracy Despite Large Load Current
Figure 3a. Shunt Diode Limits Maximum Input Voltage to Allow
Better Low Input Resolution Without Overranging
+
–
+IN
OUT
VS
1/2
LTC6103
–IN
RIN
RSENSE
V+
V–
ROUT
6103 F02
LOAD
ILOAD
V+
LOAD
DSENSE
6103 F03a
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com