Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology LTC6103 Datasheet HTML 11Page - Linear Technology LTC6103 Datasheet HTML 12Page - Linear Technology LTC6103 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6103
9
6103f
APPLICATIONS INFORMATION
Care should be taken when designing the printed circuit
board layout to minimize input trace resistance (to Pins 5,
6, 7 and 8), especially for small RIN values. Trace resistance
to the –IN terminals will increase the effective RIN value,
causing a gain error. Trace resistance on +IN terminals will
have an effect on offset error. These errors are described
in more detail later in this data sheet. In addition, internal
device resistance will add approximately 0.3
Ω to RIN.
Selection of External Output Resistor, ROUT
The output resistor, ROUT, determines how the output cur-
rent is converted to voltage. VOUT is simply IOUT • ROUT. In
choosing an output resistor, the maximum output voltage
must first be considered. If the circuit following is a buf-
fer or ADC with limited input range, then ROUT must be
chosen so that IOUT(MAX) • ROUT is less than the allowed
maximum input range of this circuit.
In addition, the output impedance is determined by ROUT. If
the circuit to be driven has high enough input impedance,
then almost any useful output impedance will be accept-
able. However, if the driven circuit has relatively low input
impedance or draws spikes of current, as an ADC might
do, then a lower ROUT value may be required in order to
preserve the accuracy of the output. As an example, if the
input impedance of the driven circuit is 100 times ROUT,
then the accuracy of VOUT will be reduced by 1% since:
VI
RR
RR
OUT
OUT
OUT
IN DRIVEN
OUT
IN DRIVEN
=
+
=
•
•
()
()
IIR
IR
OUT
OUT
OUT
OUT
••
.
•
•
100
101
099
=
Figure 3b. The LTC6103 Allows High-Low Current Ranging
6103 F03b
301
Ω
3
4
5
6
21
8
7
VOUT
VIN
RSENSE(LO)
100m
Ω
M1
Si4465
R5
7.5k
ILOAD
10k
CMPZ4697
301
Ω
87
6
5
4
2
1
1.74M
4.7k
Q1
CMPT5551
619k
40.2k
LTC1540
VLOGIC
(3.3V TO 5V)
7.5k
VLOGIC
BAT54C
HIGH CURRENT
RANGE OUT
250mV/A
HIGH
RANGE
INDICATOR
(ILOAD > 1.2A)
LOW CURRENT
RANGE OUT
250mV/A
RSENSE(HI)
10m
Ω
+
–
(VLOGIC + 5V) ≤ VIN ≤ 60V
0A
≤ ILOAD ≤ 10A
LTC6103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com