Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology LTC6103 Datasheet HTML 11Page - Linear Technology LTC6103 Datasheet HTML 12Page - Linear Technology LTC6103 Datasheet HTML 13Page - Linear Technology LTC6103 Datasheet HTML 14Page - Linear Technology LTC6103 Datasheet HTML 15Page - Linear Technology LTC6103 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC6103
16
6103f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0107 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
±10A Bidirectional H-Bridge Current Monitor
PART NUMBER
DESCRIPTION
COMMENTS
LT1636
Rail-to-Rail Input/Output, Micropower Op Amp
VCM Extends 44V Above VEE, 55µA Supply Current,
Shutdown Function
LT1637/LT1638
LT1639
Single/Dual/Quad, Rail-to-Rail, Micropower Op Amp
VCM Extends 44V Above VEE, 0.4V/µs Slew Rate, >1MHz Bandwidth,
<250µA Supply Current per Amplifier
LT1787/LT1787HV
Precision, Bidirectional, High Side Current Sense Amplifier 2.7V to 60V Operation, 75µV Offset, 60µA Current Draw
LTC1921
Dual –48V Supply and Fuse Monitor
±200V Transient Protection, Drives Three Optoisolators for Status
LT1990
High Voltage, Gain Selectable Difference Amplifier
±250V Common Mode, Micropower, Pin Selectable Gain = 1, 10
LT1991
Precision, Gain Selectable Difference Amplifier
2.7V to ±18V, Micropower, Pin Selectable Gain = –13 to 14
LTC2050/LTC2051
LTC2052
Single/Dual/Quad Zero-Drift Op Amp
3µV Offset, 30nV/°C Drift, Input Extends Down to V–
LTC4150
Coulomb Counter/Battery Gas Gauge
Indicates Charge Quantity and Polarity
LT6100
Gain-Selectable High Side Current Sense Amplifier
4.1V to 48V Operation, Pin-Selectable Gain: 10, 12.5, 20, 25, 40,
50V/V
LTC6101/LTC6101HV High Voltage, High Side Current Sense Amplifier
High Voltage 5V to 100V Operation, SOT23
LTC6104
High Side Bidirectional Current Sense Amplifier
4V to 60V Operation, Gain Configurable with External Resistors
V+
4V TO 60V
4.99k
DIFFERENTIAL
OUTPUT
±2.5V FS (MAY BE LIMITED IF V+ < 6V)
±10A FS
+
+
–
–
4.99k
6103 TA04
PWM*
*USE “SIGN-MAGNITUDE” PWM FOR ACCURATE
LOAD CURRENT CONTROL AND MEASUREMENT
PWM*
+
–
+
–
8
7
6
5
2
4
1
+INA
OUTA
OUTB
VSB
VSA
LTC6103
–INA
–INB
200
Ω
10m
Ω
10m
Ω
200
Ω
+INB
V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com