Electronic Components Datasheet Search
  English  ▼

X  

ADP1653 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1653
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653 Datasheet(HTML) 1 Page - Analog Devices

  ADP1653 Datasheet HTML 1Page - Analog Devices ADP1653 Datasheet HTML 2Page - Analog Devices ADP1653 Datasheet HTML 3Page - Analog Devices ADP1653 Datasheet HTML 4Page - Analog Devices ADP1653 Datasheet HTML 5Page - Analog Devices ADP1653 Datasheet HTML 6Page - Analog Devices ADP1653 Datasheet HTML 7Page - Analog Devices ADP1653 Datasheet HTML 8Page - Analog Devices ADP1653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Compact, High Efficiency, High Power
Flash/Torch LED Driver with Dual Interface
ADP1653
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Small 6.4 mm × 7.2 mm solution
2.2 μH power inductor
92% peak efficiency
Tx masking within 50 μs
2.1 A, 12 V power switch
Pin-selectable interface: 2-bit logic or I2C®
Programmable flash and torch current
Up to 200 mA in torch mode
Up to 500 mA in flash mode
Programmable indicator LED current up to 20 mA
Programmable timer register: up to 820 ms flash timeout
2.75 V to 5.5 V input voltage range
Low noise, 1.2 MHz PWM operation
Safety features
Interrupt output pin
Fault condition register
Short-circuit protection
Output overvoltage protection
Thermal overload protection
Integrated current limit and soft start
Small 3 mm × 3 mm, 16-lead LFCSP footprint
APPLICATIONS
Camera-enabled cellular phones, smart phones
Digital still cameras, camcorders, PDAs
GENERAL DESCRIPTION
The ADP1653 is a very compact, high efficiency, high power,
camera-flash LED driver optimized for cellular phones. The
device’s high efficiency and dynamic LED current control
improve flash brightness and picture quality in dimly lit
environments. Efficiency peaks at 92% and is higher than
charge pump solutions over the Li-Ion battery range.
The device has a dual-mode interface that is configurable to 2-bit
logic or an I2C interface. The indicator and high power LED
currents are programmable with external resistors or through the
I2C interface. To maximize overall flash brightness, the ADP1653
offers an input to reduce flash LED current in less than 50 μs,
referred to as the Tx mask. Tx masking reduces battery stress by
scaling back flash LED current during an RF transmission.
The ADP1653 solution requires only four external components
in I2C mode and fits in a 6.4 mm × 7.2 mm space. The part inte-
grates multiple safety features such as soft start, flash timeout,
output current limit, thermal protection, and overvoltage
protection.
The ADP1653 operates over the −40°C to +125°C junction
temperature range.
TYPICAL OPERATING CIRCUIT
16
15
14
13
5
6
7
8
12
11
10
9
1
2
3
4
ADP1653
4.7µF
4.7µF
ONE
OR
TWO
LEDs
UP TO 10.2V
2.2µH
INPUT VOLTAGE = 2.75V TO 5.5V
VDD
TxMASK
OPTIONAL
SETT
SETF
CTRL1/SCL
CTRL0/SDA
EN
STR
VDD
LX
SETI ILED
OUT
GND
PGND
INTF
HPLED
INT
OFF
ON
OFF
ON
Figure 1.
PCB LAYOUT
ADP1653
R5
R4
D1
C1
C2
INDUCTOR
LI-ION +
GND
L1
INPUT CAPACITOR
OUTPUT CAPACITOR
SCHOTTKY DIODE
PGND
7.2mm
TO WHITE
LEDs
FROM WHITE
LEDs
L = FDSE0312-2R2
CIN = GRM219R61A475K
D1 = BAT20J
COUT = GRM21BR61C475K
6.4mm
OPTIONAL (Tx MASK ONLY)
Figure 2.


Similar Part No. - ADP1653

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1653 AD-ADP1653 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
ADP1653-EVALZ AD-ADP1653-EVALZ Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
ADP1653ACPZ-R7 AD-ADP1653ACPZ-R7 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
ADP1653 AD-ADP1653_15 Datasheet
979Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
REV. B
ADP1653 AD-ADP1653_V01 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
More results

Similar Description - ADP1653

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0062 MPS-EV0062 Datasheet
155Kb / 4P
1.3MHz Low Power LED Torch/Flash Driver
EV1527DR-02A MPS-EV1527DR-02A Datasheet
199Kb / 5P
1.3MHz Low Power LED Torch/Flash Driver
logo
Analog Devices
ADP1653 AD-ADP1653_15 Datasheet
979Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
REV. B
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
High Efficiency, Dual Independent 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_V01 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com