Electronic Components Datasheet Search
  English  ▼

X  

ADP1653 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1653
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1653 Datasheet HTML 6Page - Analog Devices ADP1653 Datasheet HTML 7Page - Analog Devices ADP1653 Datasheet HTML 8Page - Analog Devices ADP1653 Datasheet HTML 9Page - Analog Devices ADP1653 Datasheet HTML 10Page - Analog Devices ADP1653 Datasheet HTML 11Page - Analog Devices ADP1653 Datasheet HTML 12Page - Analog Devices ADP1653 Datasheet HTML 13Page - Analog Devices ADP1653 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP1653
Rev. A | Page 10 of 24
500
450
400
350
300
250
200
150
100
50
0
0
5
10
15
20
25
30
HPLED CODE
Figure 11. HPLED Current vs. HPLED Code, I2C Mode, SETF = VDD
86
70
100
400
LED CURRENT (mA)
84
82
80
78
76
74
72
150
200
250
300
350
VDD = 3V
VDD = 3.2V
VDD = 3.6V
VDD = 4.2V
L = D2812C-2R0
DS = BAT20J
D1, D2 = PWF-3
Figure 12. Efficiency PLED/PIN, Two High Power White LEDs in Series
85
80
75
70
65
60
0
500
HPLED CURRENT (mA)
100
200
300
400
VDD = 4.2V
VDD = 3V
VDD = 3.6V
VDD = 3.2V
L = LQM31P-2R2
DS = BAT20J
D1 = PWF-3
Figure 13. Efficiency PLED/PIN, One High Power White LED
Δ: 22.4µs
2
3
4
1
CHANNEL 3 (VOUT) 5V/DIV
CHANNEL 4 (Tx MASK)
5V/DIV
CHANNEL 1 (IBAT) 0.5A/DIV
CHANNEL 2 (IHPLED) 0.2A/DIV
40µs/DIV
Figure 14. Tx Masking Response, Tx Mask 0 V to1.8 V,
IHPLED = 335 mA to 140 mA, VDD = 3.2 V
Δ: 23.2µs
2
3
4
1
CHANNEL 3 (VOUT) 5V/DIV
CHANNEL 4 (Tx MASK)
5V/DIV
CHANNEL 1 (IBAT) 0.5A/DIV
CHANNEL 2 (IHPLED) 0.2A/DIV
40µs/DIV
Figure 15. Tx Masking Response, Tx Mask 0 V to1.8 V,
IHPLED = 140 mA to 335 mA, VDD = 3.2 V
2
3
4
1
CHANNEL 1 (IL) 0.5A/DIV
CHANNEL 2 (IHPLED) 0.2A/DIV
CHANNEL 3 (INT) 5V/DIV
CHANNEL 4 (STR) 5V/DIV
100ms/DIV
Figure 16. Flash Timed Mode, Two LEDs, Timer = 820 ms,
IHPLED = 380 mA, VDD = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com