Electronic Components Datasheet Search
  English  ▼

X  

ADP1653 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1653
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1653 Datasheet HTML 13Page - Analog Devices ADP1653 Datasheet HTML 14Page - Analog Devices ADP1653 Datasheet HTML 15Page - Analog Devices ADP1653 Datasheet HTML 16Page - Analog Devices ADP1653 Datasheet HTML 17Page - Analog Devices ADP1653 Datasheet HTML 18Page - Analog Devices ADP1653 Datasheet HTML 19Page - Analog Devices ADP1653 Datasheet HTML 20Page - Analog Devices ADP1653 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADP1653
Rev. A | Page 17 of 24
APPLICATIONS INFORMATION
FLASH-CURRENT FOLDBACK DURING TRANSMIT
PULSE
The ADP1653 allows a fast, 1.8 V logic-enabled foldback of the
flash current, typically enabled shortly before an RF transmit
pulse. This feature extends the life of the battery by preventing
overstress of the battery cell. It also extends the life of the phone
by reducing the maximum instantaneous system current that
can occur, allowing a lower battery operating voltage limit.
2-Bit Logic Interface Mode (INTF = 1)
In 2-bit logic interface mode, the flash current is set with an
external resistor. The 1.22 V reference voltage is buffered to the
SETF pin, generating a reference current across an external SETF
resistor. This reference current is multiplied by a fixed gain to
set the flash current in the HPLED.
A 1.8 V compatible logic signal selects normal or reduced flash
current by adjusting the reference current, as shown in Figure 29
and Figure 30.
SETF
1.22V
1.22V
R1
R2
IREF
1.22V/R1
1.22V/R2
CURRENT
MIRRORS
DIGITAL
OUTPUT
TxMASK = 0V
Figure 29. Flash Mode Current Foldback
(Normal Operation with R2 Grounded Through Digital Control Signal)
Full-current flash mode has a reference current of
R2
R1
R2
R1
R2
R1
I
0
REF
×
+
×
=
=
)
(
V
22
.
1
//
V
22
.
1
_
(6)
The reference current is multiplied by a fixed gain to give the
actual flash current (see Table 8).
SETF
1.22V
1.22V
R1
R2
IREF
1.22V/R1
0.6V/R2
CURRENT
MIRRORS
DIGITAL
OUTPUT
TxMASK = 1.8V
1.8V
Figure 30. Flash Mode Current Foldback with 1.8 V Signal Applied to R2
A logic high to R2 changes the direction of the current in R2.
IREF = IR1 − IR2
(7)
R2
V
R1
I
mask
Tx
REF
V
22
.
1
V
22
.
1
−
−
=
(8)
IHPLED = IREF × 20,800
(9)
The ratio of full flash current to reduced flash current for
a 1.8 V logic signal is approximately
2
R1
R2
R1
R2
Flash
Reduced
Flash
Full
−
+
=
(10)
If R1 = R2 = 100 kΩ, maximum flash current is 500 mA, and
reduced flash current is 125 mA.
I2C Mode (INTF = 0)
To allow flash current foldback in I2C mode, the user should
connect a resistor between SETF and ground, and another
resistor from SETF to the logic input, as shown in Figure 29 and
Figure 30. Operation is the same as for the 2-bit logic interface
mode, except the flash current is additionally scaled by setting
the HPLED bits in the OUT_SEL register.
Full-current flash mode (Tx mask = 0 V) has a flash current of
SETF
HPLED
R
Code
I
kΩ
50
mA)
15
mA
35
(
×
×
+
=
(11)
where:
RSETF is a parallel combination of R1 and R2.
Code is the HPLED register setting.
Bring the Tx mask voltage high for reduced reference current.
Therefore, the reduced LED current is IHPLED (see Equation 13).
R2
V
R1
I
mask
Tx
REF
V
22
.
1
V
22
.
1
−
−
=
(12)
V
22
.
1
kΩ
50
mA)
15
mA
35
(
REF
HPLED
I
Code
I
×
×
×
+
=
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com