Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR9001 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DIR9001 Datasheet HTML 20Page - Texas Instruments DIR9001 Datasheet HTML 21Page - Texas Instruments DIR9001 Datasheet HTML 22Page - Texas Instruments DIR9001 Datasheet HTML 23Page - Texas Instruments DIR9001 Datasheet HTML 24Page - Texas Instruments DIR9001 Datasheet HTML 25Page - Texas Instruments DIR9001 Datasheet HTML 26Page - Texas Instruments DIR9001 Datasheet HTML 27Page - Texas Instruments DIR9001 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.ti.com
CALCULATION OF ACTUAL SAMPLING FREQUENCY
DIR9001
SLES198 – DECEMBER 2006
The DIR9001 calculates the actual sampling frequency of the biphase input signal and outputs its result through
dedicated pins.
To use this function, a 24.576-MHz clock source must be supplied to the XTI pin. The 24.576-MHz clock is used
as a measurement reference clock to calculate the actual sampling frequency.
If the XTI pin is connected to DGND, calculation of the actual sampling frequency is not performed.
If there is an error in the XTI clock frequency, the calculation result and range are shifted correspondingly.
This output is the result of calculating the sampling frequency, it is not the sampling frequency information of the
channel-status data (bit 24–bit 27).
The sampling frequency information of the channel-status data (bit 24–bit 27) is not output through these pins.
The calculation result is decoded into 2-bit data, which is output on the FSOUT[1:0] pins.
If the PLL is locked but the sampling frequency is out-of-range, or if the PLL is unlocked, FSOUT[1:0] = HL is
output to indicate an abnormality.
When the XTI source clock is not supplied before power on, FSOUT [1:0] always outputs LL.
When the XTI source clock is stopped, the fS calculator holds the last value of the fS calculator result.
If XTI source clock is supplied, the fS calculator resumes operation.
The calculated value is held until reset.
The relationship between the FSOUT[1:0] outputs and the range of sampling frequencies is shown in Table 11.
Table 11. Calculated Sampling Frequency Output
NOMINAL fS
ACTUAL SAMPLING FREQUENCY
CALCULATED SAMPLING FREQUENCY OUTPUT
RANGE
FSOUT1
FSOUT0
Out of range
Out of range or PLL unlocked
H
L
32 kHz
31.2 kHz–32.8 kHz
H
H
44.1 kHz
43 kHz–45.2 kHz
L
L
48 kHz
46.8 kHz–49.2 kHz
L
H
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com