Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR9001 Datasheet(HTML) 3 Page - Texas Instruments

  DIR9001 Datasheet HTML 1Page - Texas Instruments DIR9001 Datasheet HTML 2Page - Texas Instruments DIR9001 Datasheet HTML 3Page - Texas Instruments DIR9001 Datasheet HTML 4Page - Texas Instruments DIR9001 Datasheet HTML 5Page - Texas Instruments DIR9001 Datasheet HTML 6Page - Texas Instruments DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DIR9001
SLES198 – DECEMBER 2006
All specifications at T
A = 25°C, VDD = VCC = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT CHARACTERISTICS
VIH
0.7 VDD
VDD
Input logic level(1)
VDC
VIL
0.3 VDD
VIH
2
5.5
Input logic level(2)
VDC
VIL
0.8
VOH
IO = 4 mA
0.85 VDD
Output logic level(3)
VDC
VOL
IO = –4 mA
0.15 VDD
IIH
VIN = VDD
65
100
Input leakage current(4)
µA
IIL
VIN = 0 V
–10
10
IIH
VIN = VDD
–10
10
Input leakage current(5)
µA
IIL
VIN = 0 V
–100
–65
IIH
VIN = VDD
–10
10
Input leakage current(6)
µA
IIL
VIN = 0 V
–10
10
BIPHASE SIGNAL INPUT AND PLL
Input sampling frequency range
28
108
kHz
Jitter tolerance — (IEC60958-3)
IEC60958-3 (2003-01)
Compliant
From biphase signal detection to error-out
PLL lock-up time
100
ms
release (ERROR = L)
RECOVERED CLOCK AND DATA
Serial audio data width
16
24
Bit
128 fS
3.584
13.824
256 fS
7.168
27.648
SCKO frequency
MHz
384 fS
10.752
41.472
512 fS
14.336
55.296
BCKO frequency
64 fS
1.792
6.912
MHz
LRCKO frequency
fS
28
108
kHz
fS = 48 kHz, SCKO = 256 fS, measured
SCKO jitter
50
100
ps rms
periodic
SCKO duty cycle
45%
55%
XTI SOURCE CLOCK
XTI is connected to clock source
24.576
XTI source clock frequency
MHz
Not
XTI is connected to DGND
required
Frequency accuracy
XTI is connected to clock source
–100
100
ppm
XTI input-clock duty cycle
XTI is connected to clock source
45%
55%
POWER SUPPLY AND SUPPLY CURRENT
VCC
2.7
3.3
3.6
Operation voltage range
VDC
VDD
2.7
3.3
3.6
(1)
CMOS compatible input: XTI (not 5-V tolerant)
(2)
5-V tolerant TTL inputs: RXIN, FMT0, FMT1, PSCK0, PSCK1, CKSEL, RST, RSV
(3)
CMOS outputs: XTO, SCKO, BCKO, LRCKO, DOUT, UOUT, COUT, BFRAME, ERROR, CLKST, AUDIO, EMPH, FSOUT0, FSOUT1
(4)
Internal pulldowns: FMT0, FMT1, PSCK0, PSCK1, CKSEL, RSV
(5)
Internal pullup: RST
(6)
No internal pullup and pulldown: RXIN, XTI
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com