Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR9001 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DIR9001 Datasheet HTML 21Page - Texas Instruments DIR9001 Datasheet HTML 22Page - Texas Instruments DIR9001 Datasheet HTML 23Page - Texas Instruments DIR9001 Datasheet HTML 24Page - Texas Instruments DIR9001 Datasheet HTML 25Page - Texas Instruments DIR9001 Datasheet HTML 26Page - Texas Instruments DIR9001 Datasheet HTML 27Page - Texas Instruments DIR9001 Datasheet HTML 28Page - Texas Instruments DIR9001 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
www.ti.com
TYPICAL CIRCUIT CONNECTION
R2
AUDIO
Receiver Circuit
C5
3.3-V V
DD
+
C7
+
C8
C6
For Automatic Clock Source Selection
Reset (active LOW )
11
12
10
9
8
7
6
5
4
3
2
COUT
DOUT
UOUT
EMPH
BFRAME
RST
RSV
RXIN
CKSEL
FILT
DGND
PSCK1
PSCK0
FSOUT0
BCKO
LRCKO
CLKST
SCKO
FSOUT1
ERROR
1
15
16
17
18
19
20
21
22
23
24
13
14
XTI
XTO
AGND
FMT1
FMT0
25
26
27
28
To Microcontroller
R1
C4
Actual Sampling
Frequency Output
X
1
C
3
System Clock
FrequencySetting
384, 512f
(128, 256,
S)
Audio Data
Processor
DecodedData Format
Setting
3.3-V V
CC
C1
C2
VDD
VCC
DIR9001
SLES198 – DECEMBER 2006
Figure 17 illustrates typical circuit connection.
NOTES: R1: Loop filter resistor, 680 Ω
R2: Current-limiting resistor; generally, a 100 Ω–500 Ω resistor is used, but it depends on the crystal resonator.
C1: Loop filter capacitor, 0.068 µF.
C2: Loop filter capacitor, 0.0047 µF.
C3, C4: OSC load capacitor; generally, a 10-pF–30-pF capacitor is used, but it depends on the crystal resonator and
PCB layout.
C5, C8: 10-µF electrolytic capacitor typical, depending on power-supply quality and PCB layout.
C6, C7: 0.1-µF ceramic capacitor typical, depending on power-supply quality and PCB layout.
X1: Crystal resonator, use a 24.576-MHz fundamental resonator when XTI clock source is needed.
Figure 17. Typical Circuit Connection Diagram
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com