Electronic Components Datasheet Search
  English  ▼

X  

TCS3530 Datasheet(PDF) 77 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 77 Page - ams AG

Back Button TCS3530 Datasheet HTML 73Page - ams AG TCS3530 Datasheet HTML 74Page - ams AG TCS3530 Datasheet HTML 75Page - ams AG TCS3530 Datasheet HTML 76Page - ams AG TCS3530 Datasheet HTML 77Page - ams AG TCS3530 Datasheet HTML 78Page - ams AG TCS3530 Datasheet HTML 79Page - ams AG TCS3530 Datasheet HTML 80Page - ams AG TCS3530 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
Datasheet, Public
Page 77
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
VSYNC_DELAY_CFG1 Register
Figure 110:
VSYNC_DELAY_CFG1
Note(s):
1. Return to the Register Map (0xEC).
VSYNC_PERIOD0 Register
Figure 111:
VSYNC_PERIOD0
Note(s):
1. Return to the Register Map (0xED).
VSYNC_PERIOD1 Register
Figure 112:
VSYNC_PERIOD1
Note(s):
1. Return to the Register Map (0xEE).
Addr: 0xEC
VSYNC_DELAY_CFG1
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5:0
VSYNC_DELAY[13:8]
0
R/W
See VSYNC_DELAY_CFG0.
Addr: 0xED
VSYNC_PERIOD0
Bit
Field
Reset
Type
Bit Description
7:0
VSYNC_PERIOD[7:0]
0
R
The measured vsync period in multiples of 1.3888μs. This
can be used to correct the internal RC oscillator with an
input signal at the VSYNC pin derived from a crystal
oscillator.
Addr: 0xEE
VSYNC_PERIOD1
Bit
Field
Reset
Type
Bit Description
7:0
VSYNC_PERIOD[15:8]
0
R
The measured vsync period in multiples of 1.3888μs.
This can be used to correct the internal RC oscillator
with an input signal at the VSYNC pin derived from a
crystal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com