Electronic Components Datasheet Search
  English  ▼

X  

TCS3530 Datasheet(PDF) 11 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 11 Page - ams AG

Back Button TCS3530 Datasheet HTML 7Page - ams AG TCS3530 Datasheet HTML 8Page - ams AG TCS3530 Datasheet HTML 9Page - ams AG TCS3530 Datasheet HTML 10Page - ams AG TCS3530 Datasheet HTML 11Page - ams AG TCS3530 Datasheet HTML 12Page - ams AG TCS3530 Datasheet HTML 13Page - ams AG TCS3530 Datasheet HTML 14Page - ams AG TCS3530 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
Datasheet, Public
Page 11
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Electrical Characteristics
Parameters listed under Test Level 4 are guaranteed with
production tests and SQC (Statistical Quality Control).
Parameters listed under Test Level 3 are measured in-line with
transparent monitor glasses. Parameters listed under Test Level
2 are measured in lab bench characterization. Parameters listed
under Test Level 1 are guaranteed by design. All Test Levels are
measured with VDD = 1.8V and TA = 25°C unless otherwise noted.
Figure 12:
Electrical Characteristics of TCS3530, VDD = 1.8 V, TA = 25°C (unless otherwise noted)
Note(s):
1. This parameter indicates the supply current during periods of ALS integration. The ALS gain setting will have an effect on the active
supply current. The ALS gain setting used for this parameter is 128x.
2. Idle state occurs when PON=1 and all functions are disabled.
3. Sleep state occurs when PON = 0 and I²C/I3C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1,
PON will remain high.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Test
Level
IDD;ALS
ALS supply current
Active ALS state (1)
(PON=AEN=1)
485
560
μA
4
IDD;IDLE
Idle current
Idle state (2)
(PON=1, AEN=0)
98
130
IDD;SLEEP
Sleep current
Sleep state (3)
0.7
5.0
ILEAK
Leakage current
Measured on SDA, SCL, INT,
GPIO
-5
5
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com