Electronic Components Datasheet Search
  English  ▼

X  

TCS3530 Datasheet(PDF) 80 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 80 Page - ams AG

Back Button TCS3530 Datasheet HTML 76Page - ams AG TCS3530 Datasheet HTML 77Page - ams AG TCS3530 Datasheet HTML 78Page - ams AG TCS3530 Datasheet HTML 79Page - ams AG TCS3530 Datasheet HTML 80Page - ams AG TCS3530 Datasheet HTML 81Page - ams AG TCS3530 Datasheet HTML 82Page - ams AG TCS3530 Datasheet HTML 83Page - ams AG TCS3530 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 105 page
background image
Page 80
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
Note(s):
1. Return to the Register Map (0xF2).
FIFO_THR Register
Figure 117:
FIFO_THR
Note(s):
1. Return to the Register Map (0xF3).
2
VSYNC_MODE
0
R/W
Select which input to use for vsync
Value
ID
Meaning
0
pad_
vsync_
trigger
Use VSYNC/GPIO/INT
input as vsync start
trigger
1
sw_vsync_
trigger
Use VSYNC_
CONTROL.sw_vsync_
trigger as vsync trigger
1
VSYNC_SELECT
0
R/W
Select which input to use for vsync
Value
ID
Meaning
0
vsync_gpio
Use VSYNC/GPIO input
1int
Use INT input
0
VSYNC_INVERT
0
R/W
If enabled then the selected vsync input is
inverted.
Value
ID
Meaning
0
do_not_
invert
Do not invert
1invert
Do invert
Addr: 0xF3
FIFO_THR
Bit
Field
Default
Access
Bit Description
7:0
FIFO_THR[10:3]
127
R/W
If FIFO_LVL > FIFO_THR, an FIFO interrupt FINT is raised.
See CFG2 and FIFO_LVL[2:0] for lsbs.
Addr: 0xF2
VSYNC_CFG
Bit
Field
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com