Electronic Components Datasheet Search
  English  ▼

X  

OPA627AM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627AM
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627AM Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA627AM Datasheet HTML 2Page - Texas Instruments OPA627AM Datasheet HTML 3Page - Texas Instruments OPA627AM Datasheet HTML 4Page - Texas Instruments OPA627AM Datasheet HTML 5Page - Texas Instruments OPA627AM Datasheet HTML 6Page - Texas Instruments OPA627AM Datasheet HTML 7Page - Texas Instruments OPA627AM Datasheet HTML 8Page - Texas Instruments OPA627AM Datasheet HTML 9Page - Texas Instruments OPA627AM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
OPA627, 637
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
SUPPLY CURRENT vs TEMPERATURE
Temperature (°C)
8
7.5
7
6.5
6
–75
–50
–25
0
25
50
75
100
125
OUTPUT CURRENT LIMIT vs TEMPERATURE
100
80
60
40
20
0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
–I
L at VO = –10V
–I
L at VO = 0V
+I
L at VO = +10V
+I
L at VO = 0V
OPA627 GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
Temperature (°C)
24
20
16
12
8
–75
Slew Rate
GBW
60
55
50
–50
–25
0
25
50
75
100
125
OPA637 GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
Temperature (°C)
120
100
80
60
40
–75
160
140
120
100
80
Slew Rate
GBW
–50
–25
0
25
50
75
100
125
OPA627 TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
0.1
0.01
0.001
0.0001
0.00001
G = +10
G = +1
Measurement BW: 80kHz
–
+
–
+
100pF
100pF
G = +1
G = +10
V
I
V
I
549
5k
600
600
V = ±10V
O
V = ±10V
O
ΩΩ
Ω
Ω
OPA637 TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
1
0.1
0.01
0.001
0.0001
G = +10
G = +50
–
+
100pF
G = +10
V
I
549
5k
600
V = ±10V
O
Ω
Ω
Ω
–
+
100pF
G = +50
V
I
102
5k
600
V = ±10V
O
Ω
Ω
Ω
Measurement BW: 80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com