Electronic Components Datasheet Search
  English  ▼

X  

OPA627AM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627AM
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627AM Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA627AM Datasheet HTML 4Page - Texas Instruments OPA627AM Datasheet HTML 5Page - Texas Instruments OPA627AM Datasheet HTML 6Page - Texas Instruments OPA627AM Datasheet HTML 7Page - Texas Instruments OPA627AM Datasheet HTML 8Page - Texas Instruments OPA627AM Datasheet HTML 9Page - Texas Instruments OPA627AM Datasheet HTML 10Page - Texas Instruments OPA627AM Datasheet HTML 11Page - Texas Instruments OPA627AM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
OPA627, 637
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
FIGURE 1. Circuits with Noise Gain Less than Five Require
the OPA627 for Proper Stability.
SETTLING TIME vs ERROR BAND
1500
1000
500
0
0.001
0.01
0.1
1
10
Error Band (%)
OPA637
G = –4
OPA627
G = –1
–
+
C
F
R
I
R
F
2k
Ω
+5V
–5V
OPA627
OPA637
R
I 2kΩ
500
Ω
R
F 2kΩ
2k
Ω
C
F 6pF
4pF
SETTLING TIME vs LOAD CAPACITANCE
0
150
200
300
400
500
Load Capacitance (pF)
3
2
1
0
Error Band:
±0.01%
OPA637
G = –4
OPA627
G = –1
APPLICATIONS INFORMATION
The OPA627 is unity-gain stable. The OPA637 may be used
to achieve higher speed and bandwidth in circuits with noise
gain greater than five. Noise gain refers to the closed-loop
gain of a circuit as if the non-inverting op amp input were
being driven. For example, the OPA637 may be used in a
non-inverting amplifier with gain greater than five, or an
inverting amplifier of gain greater than four.
When choosing between the OPA627 or OPA637, it is
important to consider the high frequency noise gain of your
circuit configuration. Circuits with a feedback capacitor
(Figure 1) place the op amp in unity noise-gain at high
frequency. These applications must use the OPA627 for
proper stability. An exception is the circuit in Figure 2,
where a small feedback capacitance is used to compensate
for the input capacitance at the op amp’s inverting input. In
this case, the closed-loop noise gain remains constant with
frequency, so if the closed-loop gain is equal to five or
greater, the OPA637 may be used.
–
+
–
+
–
+
–
+
–
+
–
+
Buffer
Bandwidth
Limiting
Integrator
Filter
R
I
R
F < 4R
Inverting Amp
G < |–4|
R
I
R
F < 4RI
Non-Inverting Amp
G < 5
OPA627
OPA627
OPA627
OPA627
OPA627
OPA627



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com