Electronic Components Datasheet Search
  English  ▼

X  

OPA627AM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627AM
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627AM Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA627AM Datasheet HTML 8Page - Texas Instruments OPA627AM Datasheet HTML 9Page - Texas Instruments OPA627AM Datasheet HTML 10Page - Texas Instruments OPA627AM Datasheet HTML 11Page - Texas Instruments OPA627AM Datasheet HTML 12Page - Texas Instruments OPA627AM Datasheet HTML 13Page - Texas Instruments OPA627AM Datasheet HTML 14Page - Texas Instruments OPA627AM Datasheet HTML 15Page - Texas Instruments OPA627AM Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
®
OPA627, 637
When driven with a very fast input step (left), common-mode
transients cause a slight variation in input stage currents which
will reduce output slew rate. If the input step slew rate is reduced
(right), output slew rate will increase slightly.
FIGURE 9. OPA627 Dynamic Performance, G = –1.
NOTE: (1) Optimum value will
depend on circuit board lay-
out and stray capacitance at
the inverting input.
LARGE SIGNAL RESPONSE
+10
0
–10
+10
0
–10
(C)
(D)
OPA637
LARGE SIGNAL RESPONSE
OPA637
SMALL SIGNAL RESPONSE
FPO
FIGURE 10. OPA637 Dynamic Response, G = 5.
–10
0
+10
–100
0
+100
(F)
(E)
–
+
OPA627
G = –1
2k
Ω
2k
Ω
6pF(1)
V
OUT
–
+
OPA637
G = 5
2k
Ω
500
Ω
4pF(1)
V
OUT
NOTE: (1) Optimum value will depend on circuit
board layout and capacitance at inverting input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com