Electronic Components Datasheet Search
  English  ▼

X  

LTC2486 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2486
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2486 Datasheet HTML 19Page - Linear Technology LTC2486 Datasheet HTML 20Page - Linear Technology LTC2486 Datasheet HTML 21Page - Linear Technology LTC2486 Datasheet HTML 22Page - Linear Technology LTC2486 Datasheet HTML 23Page - Linear Technology LTC2486 Datasheet HTML 24Page - Linear Technology LTC2486 Datasheet HTML 25Page - Linear Technology LTC2486 Datasheet HTML 26Page - Linear Technology LTC2486 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTC2486
23
2486f
APPLICATIONS INFORMATION
Figure 7. External Serial Clock, Reduced Output Data Length and Valid Channel Selection
Figure 8. External Serial Clock, 3-Wire Operation (
⎯C⎯S = 0)
VCC
FO
SCK
SDI
GND
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2486
3-WIRE
SPI INTERFACE
EOC
CS
SCK
(EXTERNAL)
SDI
SDO
2486 F08
CONVERSION
SLEEP
DATA INPUT/OUTPUT
BIT 20 BIT 19 BIT 18 BIT 17 BIT 16 BIT 15 BIT 14 BIT 13
BIT 12 BIT 11
BIT 21
BIT 22
BIT 23
1
0
EN
SGL
A2
A1
A0
EN2
IM
FA
FB
SPD
GS2
GS1
GS0
ODD
BIT 10
BIT 9
BIT 0
1
2
3
4
5
6
7
8
9
10
11
121314
1516
24
DON'T CARE
DON'T CARE
MSB
SIG
“0”
REF+
REF–
CH0
CH1
CH2
CH3
COM
SDO
12
1
13
14
8
9
10
11
7
3
5
6
4
2
2.7V TO 5.5V
0.1
µF
10
µF
CS
CONVERSION
Hi-Z
2486 F07
CS
SCK
(EXTERNAL)
SDI
SDO
CONVERSION
SLEEP
DATA INPUT/OUTPUT
SLEEP
CONVERSION
VCC
FO
SCK
SDI
GND
6
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2486
4-WIRE
SPI INTERFACE
EOC
BIT 20 BIT 19 BIT 18 BIT 17 BIT 16
BIT 15
BIT 21
BIT 22
BIT 23
12
3
4
5
6
7
8
1
0
EN
SGL
A2
A1
A0
ODD
DON'T CARE
DON'T CARE
MSB
SIG
“0”
REF+
REF–
CH0
CH1
CH2
CH3
COM
CS
SDO
12
1
13
14
8
9
10
11
7
3
4
5
2
2.7V TO 5.5V
0.1
µF
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com