Electronic Components Datasheet Search
  English  ▼

X  

LTC2486 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2486
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2486 Datasheet HTML 25Page - Linear Technology LTC2486 Datasheet HTML 26Page - Linear Technology LTC2486 Datasheet HTML 27Page - Linear Technology LTC2486 Datasheet HTML 28Page - Linear Technology LTC2486 Datasheet HTML 29Page - Linear Technology LTC2486 Datasheet HTML 30Page - Linear Technology LTC2486 Datasheet HTML 31Page - Linear Technology LTC2486 Datasheet HTML 32Page - Linear Technology LTC2486 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC2486
29
2486f
APPLICATIONS INFORMATION
and reference bypass capacitance) linearity and gain errors
are introduced.
For relatively small values of external reference capacitance
(CREF < 1nF), the voltage on the sampling capacitor settles
for reference impedances of many k
Ω (if CREF = 100pF up
to 10k
Ω will not degrade the performance) (see Figures
13 and 14).
In cases where large bypass capacitors are required on
the reference inputs (CREF > 0.01µF) full-scale and linear-
ity errors are proportional to the value of the reference
resistance. Every ohm of reference resistance produces a
full-scale error of approximately 0.5ppm (while operating
in simultaneous 50Hz/60Hz mode) (see Figures 15 and 16).
If the input common mode voltage is equal to the reference
common mode voltage, a linearity error of approximately
0.67ppm per 100
Ω of reference resistance results (see
Figure 17). In applications where the input and reference
common mode voltages are different, the errors increase.
Figure 13. +FS Error vs RSOURCE at VREF (Small CREF)
Figure 14. –FS Error vs RSOURCE at VREF (Small CREF)
RSOURCE (Ω)
0
50
70
90
10k
2486 F13
30
10
40
60
80
20
0
–10
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
0
–30
–10
10
10k
2486 F14
–50
–70
–40
–20
0
–60
–80
–90
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
Figure 15. +FS Error vs RSOURCE at VREF (Large CREF)
Figure 16. –FS Error vs RSOURCE at VREF (Large CREF)
RSOURCE (Ω)
0
300
400
500
800
2486 F15
200
100
0
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
RSOURCE (Ω)
0
–200
–100
0
800
2486 F16
–300
–400
–500
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
Figure 17. INL vs Differential Input Voltage and Reference
Source Resistance for CREF > 1µF
VIN/VREF
– 0.5
2
6
10
0.3
2486 F17
–2
–6
0
4
8
–4
–8
–10
– 0.3
– 0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10µF
R = 1k
R = 100
Ω
R = 500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com