Electronic Components Datasheet Search
  English  ▼

X  

LTC2486 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2486
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2486 Datasheet HTML 28Page - Linear Technology LTC2486 Datasheet HTML 29Page - Linear Technology LTC2486 Datasheet HTML 30Page - Linear Technology LTC2486 Datasheet HTML 31Page - Linear Technology LTC2486 Datasheet HTML 32Page - Linear Technology LTC2486 Datasheet HTML 33Page - Linear Technology LTC2486 Datasheet HTML 34Page - Linear Technology LTC2486 Datasheet HTML 35Page - Linear Technology LTC2486 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC2486
33
2486f
APPLICATIONS INFORMATION
Figure 29. Input Normal Mode Rejection
2x Speed Mode with and Without Running
Averaging
Figure 30. Offset Error vs Output Data
Rate and Temperature
Figure 31. +FS Error vs Output Data
Rate and Temperature
Figure 32.–FS Error vs Output Data Rate
and Temperature
Figure 33. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 34. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 36. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Reference
Voltage
Figure 37. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Reference
Voltage
Figure 35. Offset Error vs Output Data
Rate and Reference Voltage
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
48
–70
–80
–90
–100
–110
–120
–130
–140
54
58
2486 F29
50
52
56
60
62
NO AVERAGE
WITH
RUNNING
AVERAGE
OUTPUT DATA RATE (READINGS/SEC)
–10
10
30
50
0
20
40
20
40
60
80
2486 F30
100
10
030
50
70
90
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
0
500
1500
2000
2500
3500
10
50
70
2486 F31
1000
3000
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
–3500
–3000
–2000
–1500
–1000
0
10
50
70
2486 F32
–2500
–500
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
–10
–5
5
10
20
10
50
70
2486 F35
0
15
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
FO = EXT CLOCK
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
2486 F33
14
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
FO = EXT CLOCK
RES = LOG 2 (VREF/NOISERMS)
TA = 25°C, 85°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
14
40
90 100
20 30
60
80
TA = 85°C
TA = 25°C
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
RES = LOG 2 (VREF/INLMAX)
2486 F34
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
2486 F36
14
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VIN = 0V
FO = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/NOISERMS)
VCC = 5V, VREF = 2.5V, 5V
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
14
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
REF– = GND
FO = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/INLMAX)
2486 F37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com