Electronic Components Datasheet Search
  English  ▼

X  

VSC6250 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC6250
Description  1Gb/s 16-Channel Drive-Side Deskew IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6250 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC6250 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
G52197-0, Rev. 4.0
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
8/19/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6250
1Gb/s 16-Channel
Drive-Side Deskew IC
Table 6: Pin Identifications
Pin #
Signal Name
Signal Type
Levels
Description
1VTT
—
-2.0V
Power Supply
2
VDD
—
0V
Ground
3
DOUT7
O
ECL
Output Channel 7, True
4
DOUT7N
O
ECL
Output Channel 7, Complementary
5
VDD
—
0V
Ground
6
DOUT6
O
ECL
Output Channel 6, True
7
DOUT6N
O
ECL
Output Channel 6, Complementary
8
VTT
—
-2.0V
Power Supply
9
DOUT5
O
ECL
Output Channel 5, True
10
DOUT5N
O
ECL
Output Channel 5, Complementary
11
VDD
—
0V
Power Supply
12
DOUT4
O
ECL
Output Channel 4, True
13
DOUT4N
O
ECL
Output Channel 4, Complementary
14
VDD
—
0V
Ground
15
RCK
I
ECL
250 MHz Reference Clock, True
16
RCKN
I
ECL
250 MHz Reference Clock, Complementary
17
VDD
—
0V
Ground
18
VTT
—
-2.0V
Power Supply
19
VTT
—
-2.0V
Power Supply
20
VTT
—
-2.0V
Power Supply
21
DOUT3
O
ECL
Output Channel 3, True
22
DOUT3N
O
ECL
Output Channel 3, Complementary
23
VDD
—
0V
Ground
24
DOUT2
O
ECL
Output Channel 2, True
25
DOUT2N
O
ECL
Output Channel 2, Complementary
26
VDD
—
0V
Ground
27
DOUT1
O
ECL
Output Channel 1, True
28
DOUT1N
O
ECL
Output Channel 1, Complementary
29
VDD
—
0V
Ground
30
DOUT0
O
ECL
Output Channel 0, True
31
DOUT0N
O
ECL
Output Channel 0, Complementary
32
VTT
—
-2.0V
Power Supply
33
VTT
—
-2.0V
Power Supply
34
VTT
—
-2.0V
Power Supply
35
VDD
—
0V
Ground
36
ADR4
I
ECL
Address Bit 4 for Vernier Selection
37
ADR3
I
ECL
Address Bit 3 for Vernier Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com