Electronic Components Datasheet Search
  English  ▼

X  

VSC6250 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC6250
Description  1Gb/s 16-Channel Drive-Side Deskew IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6250 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC6250 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6250
1Gb/s 16-Channel
Drive-Side Deskew IC
Page 12
© VITESSE SEMICONDUCTOR CORPORATION
G52197-0, Rev. 4.0
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/19/00
38
VDD
—
0V
Ground
39
ADR2
I
ECL
Address Bit 2 for Vernier Selection
40
ADR1
I
ECL
Address Bit 1 for Vernier Selection
41
VTT
—
-2.0V
Power Supply
42
ADR0
I
ECL
Address Bit 3 for Vernier Selection
43
VTT
—
-2.0V
Power Supply
44
VTT
—
-2.0V
Power Supply
45
DINAN
I
ECL
Input A, Complementary
46
DINA
I
ECL
Input A, True
47
DINN
I
ECL
Common Input, Complementary
48
DIN
I
ECL
Common Input, True
49
VDD
—
0V
Ground
50
DINBN
I
ECL
Input B, Complementary
51
DINB
I
ECL
Input B, True
52
VDD
—
0V
Ground
53
VDD
—
0V
Ground
54
ECLHI
O
ECL
ECL High Voltage
55
NC
—
—
Not Connected
56
VTT
—
-2.0V
Power Supply
57
VTT
—
-2.0V
Power Supply
58
VTT
—
-2.0V
Power Supply
59
VDD
—
0V
Ground
60
VTT
—
-2.0V
Power Supply
61
VTT
—
-2.0V
Power Supply
62
VTT
—
-2.0V
Power Supply
63
NC
—
0V
Not Connected
64
NC
—
0V
Not Connected
65
VTT
—
-2.0V
Power Supply
66
VTT
—
-2.0V
Power Supply
67
VDD
—
0V
Ground
68
NC
—
0V
Not Connected
69
VDD
—
0V
Ground
70
DOUT15
O
ECL
Output Channel 15, True
71
DOUT15N
O
ECL
Output Channel 15, Complementary
72
VTT
—
-2.0V
Power Supply
73
DOUT14
O
ECL
Output Channel 14, True
74
DOUT14N
O
ECL
Output Channel 14, Complementary
75
VDD
—
0V
Ground
Pin #
Signal Name
Signal Type
Levels
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com