Electronic Components Datasheet Search
  English  ▼

X  

RT1711P Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT1711P
Description  USB PD Port and Power Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1711P Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT1711P Datasheet HTML 1Page - Richtek Technology Corporation RT1711P Datasheet HTML 2Page - Richtek Technology Corporation RT1711P Datasheet HTML 3Page - Richtek Technology Corporation RT1711P Datasheet HTML 4Page - Richtek Technology Corporation RT1711P Datasheet HTML 5Page - Richtek Technology Corporation RT1711P Datasheet HTML 6Page - Richtek Technology Corporation RT1711P Datasheet HTML 7Page - Richtek Technology Corporation RT1711P Datasheet HTML 8Page - Richtek Technology Corporation RT1711P Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
RT1711P
®
DS1711P-00 February 2017
www.richtek.com
1
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
USB PD Port and Power Controller
General Description
The RT1711P is a USB Type-C and Power Delivery (PD)
controller, which complies with the latest USB Type-C
and PD standards. The RT1711P integrates a complete
Type-C transceiver including the Type-C termination
resistors, Rp and Rd, and enables the USB Type-C
detection including attach and orientation. It also integrates
the physical layer of the USB BMC power delivery protocol,
allowing power transfers of up to 100W and role swap.
The BMC PD function provides full support for Alternate
Modes on the USB Type-C standard. The RT1711P
provides a complete power management solution, which
consists of one barrel jack path and one VBUS path for
charging systems. Another provider path provides a
seamless voltage transition and avoids the discontinuity
of voltage transition during USB PD power contracts.
Applications
Tablets
Laptops
Notebooks
Monitors
Power Banks
TVs
Marking Information
0X=YM
DNN
0X= : Product Code
YMDNN : Date Code
Features
PD-Compatible Dual-Role
Support USB PD3.0 and TCPC1.0
Full Power Path Control

Barrel Jack Path : Up to 20V (N-MOSFET)

PD Provider & Consumer Path Up to 20V (N-MOSFET)
Protection

VBUS Provider Path with Programmable Over-
Current Protection (OCP) and Over-Voltage
Protection (OVP)

VBUS Path with Aided Discharge

VCONN with Programmable Current Limit

VCONN with OVP Protection and Discharge

CC Pin 20V Short-VBUS Circuit Protection
Adjustable DC-DC Output Voltages
Current Capability Definition and Detection
Cable Recognition and Alternate Modes Support
Dead Battery and No Battery Support
Low-Power Mode for Attach Detection
BIST Mode Supported
Support GPIO
24-Lead WQFN Package
Ordering Information
Note :
Richtek products are :
 RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
 Suitable for use in SnPb or Pb-free soldering processes.
RT1711P
Package Type
QW : WQFN-24L 3.5x3.5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Pin Configuration
(TOP VIEW)
WQFN-24L 3.5x3.5
ADR
EN
VCC
VTUNE
GP2
GP3
SDA
SCL
NC
GP1B
GP1A
GND
GND
1
2
3
4
5
6
7
8
9 10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25


Similar Part No. - RT1711P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT1710 RICHTEK-RT1710 Datasheet
263Kb / 14P
Cable ID for USB Type-C Cables
logo
CTS Corporation
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
70Kb / 2P
Configuration Selector Guide
RT1710B6TR13 CTS-RT1710B6TR13 Datasheet
78Kb / 2P
LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT1710B6TR13 CTS-RT1710B6TR13 Datasheet
70Kb / 2P
Configuration Selector Guide
More results

Similar Description - RT1711P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com