Electronic Components Datasheet Search
  English  ▼

X  

RT1711P Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT1711P
Description  USB PD Port and Power Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1711P Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT1711P Datasheet HTML 17Page - Richtek Technology Corporation RT1711P Datasheet HTML 18Page - Richtek Technology Corporation RT1711P Datasheet HTML 19Page - Richtek Technology Corporation RT1711P Datasheet HTML 20Page - Richtek Technology Corporation RT1711P Datasheet HTML 21Page - Richtek Technology Corporation RT1711P Datasheet HTML 22Page - Richtek Technology Corporation RT1711P Datasheet HTML 23Page - Richtek Technology Corporation RT1711P Datasheet HTML 24Page - Richtek Technology Corporation RT1711P Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
RT1711P
21
DS1711P-00 February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Addr
Length
RegName
Bit
BitName
Default
Type
Description
0x1B
1
FAULT_CONTROL
7
DIS_VCON_OV
0
RW
0b : Fault detection circuit enabled
1b : Fault detection circuit disabled
6:5
Reserved
0
R
4
DIS_FORCE_OFF_VBUS
0
RW
0b : Allow STANDARD INPUT SIGNAL
Force Off Vbus control (default)
1b : Block STANDARD INPUT SIGNAL
Force Off Vbus control. VBUS gate
control by setting register 0xBB[3:0]
3
DIS_VBUS_DISC_FAULT_TIMER
0
RW
0b : VBUS Discharge Fault Detection
Timer enabled
1b : VBUS Discharge Fault Detection
Timer disabled
2
DIS_VBUS_OC
0
RW
0b : Internal and External OCP circuit
enabled
1b : Internal and External OCP circuit
disabled
1
DIS_VBUS_OV
0
RW
0b : Internal and External OVP circuit
enabled
1b : Internal and External OVP circuit
disabled
0
DIS_VCON_OC
0
RW
0b : Fault detection circuit enabled
1b : Fault detection circuit disabled
0x1C
1
POWER_CONTROL
7
Reserved
0
R
6
VBUS_VOL_MONITOR
0
RW
0b : VBUS_VOLTAGE Monitoring is
enabled (default)
1b : VBUS_VOLTAGE Monitoring is
disabled
5
DIS_VOL_ALARM
0
RW
0b: Voltage Alarms Power status
reporting is enabled (default)
1b: Voltage Alarms Power status
reporting is disabled
4
AUTO_DISC_DISCNCT_EN
1
RW
0b : The TCPC shall not automatically
discharge VBUS based on VBUS voltage.
1b : The TCPC shall automatically
discharge during 50ms. (default)
3
BLEED_DISC_EN
0
RW
0b : Disable bleed discharge (default)
1b : Enable bleed discharge of VBUS
2
FORCE_DISC_EN
0
RW
0b : Disable forced discharge (default)
1b : Enable forced discharge of VBUS
during 50ms.
1
VCONN_POWER_SPT
0
RW
0b : TCPC delivers at least 1W on
VCONN
1b : TCPC delivers at least the power
indicated in DEVICE_CAPABILITIES.
VCONNPowerSupported
0
EN_VCONN
0
RW
0b : Disable VCONN Source (default)
1b : Enable VCONN Source to CC
Required
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com