Electronic Components Datasheet Search
  English  ▼

X  

RT1711P Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT1711P
Description  USB PD Port and Power Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1711P Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT1711P Datasheet HTML 1Page - Richtek Technology Corporation RT1711P Datasheet HTML 2Page - Richtek Technology Corporation RT1711P Datasheet HTML 3Page - Richtek Technology Corporation RT1711P Datasheet HTML 4Page - Richtek Technology Corporation RT1711P Datasheet HTML 5Page - Richtek Technology Corporation RT1711P Datasheet HTML 6Page - Richtek Technology Corporation RT1711P Datasheet HTML 7Page - Richtek Technology Corporation RT1711P Datasheet HTML 8Page - Richtek Technology Corporation RT1711P Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
RT1711P
2
DS1711P-00 February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Provider/Consumer
Note : SYS3V3 is connected to a PMIC and is supplied by the PMIC.
SYS VIN
SYS 5V
RT1711P
Type-C
Receptacle
DC-DC
Converter
EC/MCU
VCONN
SYS5V
VCC
NC
EC
SCL
INT_N
VDC
VBUS
CC1
CC2
Audio
USB MUX
& DP MUX
CC1
CC2
TX/RX
GPIO1
SBU
GPIO2
GPIO3
GPIO4
GPIO5
AP
or CPU
VTUNE
GP1B
Charger or
System
Power
SYS3V3
SYS3V3
10m
SDA
1k
10k
1k
3k
2
3
4
8
9
10
12
11
18
17
15
14
13
19
24
23
1µF
1µF
TVS
20V
1. DC-DC converter recommend best solution. The following table can pass USB PD compliance test.
2. The RT8131B is a high efficiency single phase synchronous buck DC-DC controller. Please refer to the RT8131B
datasheet.
3. The RT8525D is a wide input operating voltage range step up controller. High voltage output and large output current
are feasible by using an external N-MOSFET. Please refer to the RT8525D datasheet.
VIN
Watts
VOUT/IOUT
Item
12V to 20V
45W
5V, 9V, 12V, 15V/20V
RT8525D (Boost IC)
3A, 3A, 3A, 3A, 2.25A
RT8131B (Buck IC)
18V to 20V
65W
5V, 9V, 12V, 15V/20V
RT8525D (Boost IC)
3A, 3A, 3A, 3A, 3.25A
RT8131B (Buck IC)
24V
45W/65W/100W
5V, 9V, 12V, 15V, 20V
RT8131B (Buck IC)
3A, 3A, 3A, 3A/5A, 3A/5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com