Electronic Components Datasheet Search
  English  ▼

X  

RT5758 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5758
Description  9A, 6.5V, 1MHz Synchronous Step-Down Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5758 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5758 Datasheet HTML 7Page - Richtek Technology Corporation RT5758 Datasheet HTML 8Page - Richtek Technology Corporation RT5758 Datasheet HTML 9Page - Richtek Technology Corporation RT5758 Datasheet HTML 10Page - Richtek Technology Corporation RT5758 Datasheet HTML 11Page - Richtek Technology Corporation RT5758 Datasheet HTML 12Page - Richtek Technology Corporation RT5758 Datasheet HTML 13Page - Richtek Technology Corporation RT5758 Datasheet HTML 14Page - Richtek Technology Corporation RT5758 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RT5758
11
DS5758-00 April 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Shutdown Supply Current vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VEN = 0V
Sleep Supply Current vs. Input Voltage
0
15
30
45
60
75
90
105
120
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
VEN = high
Current Limit vs. Temperature
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 1V
Shutdown Supply Current vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
33.5
44.5
55.5
66.5
Input Voltage (V)
VEN = 0V
Switching Frequency vs. Temperature
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 1V
Current Limit vs. Input Voltage
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
VOUT = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com