Electronic Components Datasheet Search
  English  ▼

X  

RT5758 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5758
Description  9A, 6.5V, 1MHz Synchronous Step-Down Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5758 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5758 Datasheet HTML 11Page - Richtek Technology Corporation RT5758 Datasheet HTML 12Page - Richtek Technology Corporation RT5758 Datasheet HTML 13Page - Richtek Technology Corporation RT5758 Datasheet HTML 14Page - Richtek Technology Corporation RT5758 Datasheet HTML 15Page - Richtek Technology Corporation RT5758 Datasheet HTML 16Page - Richtek Technology Corporation RT5758 Datasheet HTML 17Page - Richtek Technology Corporation RT5758 Datasheet HTML 18Page - Richtek Technology Corporation RT5758 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
RT5758
15
DS5758-00 April 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
For the 0.47
μH inductance value, the inductor saturation
current and thermal rating should exceed 9.851A.
Input Capacitor Selection
Input capacitors are needed to smooth out the RMS ripple
current (IRMS) imposed by the switching currents and
drawn from the input power source, by reducing the ripple
voltage amplitude seen at the input of the converters. The
voltage rating of the input filter capacitors must be greater
than the maximum input voltage. It's also important to
consider the ripple current capabilities of capacitors.
The RMS ripple current (IRMS) of the regulator can be
determined by the input voltage (VIN), output voltage
(VOUT), and rated output current (IOUT) as the following
equation :
OUT
IN
RMS
OUT
IN
OUT
V
V
I
= I
1
VV

From the above, the maximum RMS input ripple current
occurs at maximum output load, which will be used as
the requirements to consider the current capabilities of
the input capacitors. Furthermore, for a single phase buck
converter, the duty cycle is approximately the ratio of
output voltage to input voltage. The maximum ripple voltage
usually occurs at 50% duty cycle, that is, VIN = 2 x VOUT.
The maximum IRMS
, as IRMS (Max), can be approximated
as 0.5 x IOUT_MAX, where IOUT_MAX is the maximum rated
output current. Besides, the variation of the capacitance
value with temperature, DC bias voltage, switching
frequency, and allowable peal-to-peak ripple voltage that
reflects back to the input, also need to be taken into
consideration. For example, the capacitance value of a
capacitor decreases as the DC bias across the capacitor
increases; also, higher switching frequency allows the use
of input capacitors of smaller capacitance values.
Ceramic capacitors are most commonly used to be placed
right at the input of the converter to reduce ripple voltage
amplitude because only ceramic capacitors have
extremely low ESR which is required to reduce the ripple
voltage. Note that the capacitors need to be placed as
close as to the input pins as possible for highest
effectiveness. Ceramic capacitors are preferred also due
to their low cost, small size, high RMS current ratings,
robust inrush surge current capabilities, and low parasitic
inductance, which helps reduce the high-frequency ringing
on the input supply.
However, care must be taken when ceramic capacitors
are used at the input, and the input power is supplied by
a wall adapter, connected through a long and thin wire.
When a load step occurs at the output, a sudden inrush
current will surge through the long inductive wire, which
can induce ringing at the device's power input and
potentially cause a very large voltage spike at the VIN pin
to damage the device. For applications where the input
power is located far from the device input, it may be required
that the low-ESR ceramic input capacitors be placed in
parallel with a bulk capacitor of other types, such as
tantalum, electrolytic, or polymer, to dampen the voltage
ringing and overshoot at the input, caused by the long
input power path and input ceramic capacitor.
It is suggested to choose capacitors with higher
temperature ratings than required. Several ceramic
capacitors may be parallel to meet application
requirements, such as the RMS current, size, and height.
The Typical Application Circuit can use one 10
μF and one
high-frequency- noise-filtering 0.1
μF low-ESR ceramic
capacitors at the input.
Output Capacitor Selection
Output capacitance affects the output voltage of the
converter, the response time of the output feedback loop,
and the requirements for output voltage sag and soar. The
sag occurs after a sudden load step current applied, and
the soar occurs after a sudden load removal. Increasing
the output capacitance reduces the output voltage ripple
and output sag and soar, while it increases the response
time that the output voltage feedback loop takes to respond
to step loads, Therefore, there is a tradeoff between output
capacitance and output response. It is recommended to
choose a minimum output capacitance to meet the output
voltage requirements of the converter, and have a quick
transient response to step loads.
The ESR of the output capacitor affects the damping of
the output filter and the transient response. In general,
low-ESR capacitors are good choices due to their
excellent capability in energy storage and transient
performance. The RT5758, therefore, is specially optimized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com