Electronic Components Datasheet Search
  English  ▼

X  

DMF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # DMF
Description  Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DMF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  DMF Datasheet HTML 1Page - Skyworks Solutions Inc. DMF Datasheet HTML 2Page - Skyworks Solutions Inc. DMF Datasheet HTML 3Page - Skyworks Solutions Inc. DMF Datasheet HTML 4Page - Skyworks Solutions Inc. DMF Datasheet HTML 5Page - Skyworks Solutions Inc. DMF Datasheet HTML 6Page - Skyworks Solutions Inc. DMF Datasheet HTML 7Page - Skyworks Solutions Inc. DMF Datasheet HTML 8Page - Skyworks Solutions Inc. DMF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DATA SHEET • DME, DMF, DMJ SERIES SCHOTTKY MIXER DIODES
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203261B • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 18, 2017
4
Table 4. Electrical Specifications: Beam-Lead Series Pair, N-Type Low, Medium, High Drive Schottky Diodes
Frequency
Band
Part Number
Barrier
VF @ 1.0 mA
(mV)
Rs
@ 5.0 mA
(
Ω)
Total
Capacitance
(CT) @ 0 V
(pF)
VB @ 10 uA
(V)
Minimum
Maximum
Maximum
Maximum
Minimum
S, C
DMF2835-222
Low
200
260
5
0.60
2
S, C
DMF2835-252
Low
200
260
5
0.60
2
S, C
DME2050-222
Medium
300
400
5
0.60
3
S, C
DME2050-252
Medium
300
400
5
0.60
3
S, C
DMJ2092-222
High
500
600
5
0.60
4
S, C
DMJ2092-252
High
500
600
5
0.60
4
X
DMF2826-222
Low
220
300
8
0.40
2
X
DMF2826-252
Low
220
300
8
0.40
2
X
DME2829-222
Medium
325
425
8
0.40
3
X
DME2829-252
Medium
325
425
8
0.40
3
X
DMJ2093-222
High
550
650
8
0.40
4
X
DMJ2093-252
High
550
650
8
0.40
4
Ku
DMF2827-222
Low
260
330
13
0.25
2
Ku
DMF2827-232
Low
260
330
13
0.25
2
Ku
DMF2827-252
Low
260
330
13
0.25
2
Ku
DME2830-222
Medium
350
450
13
0.25
3
Ku
DME2830-232
Medium
350
450
13
0.25
3
Ku
DME2830-252
Medium
350
450
13
0.25
3
Ku
DMJ2832-222
High
500
680
13
0.25
4
Ku
DMJ2832-232
High
500
680
13
0.25
4
Ku
DMJ2832-252
High
500
680
13
0.25
4
K, Ka
DMF2828-222
Low
270
350
18
0.2
2
K, Ka
DMF2828-232
Low
270
350
18
0.2
2
K, Ka
DME2831-222
Medium
375
550
18
0.2
3
K, Ka
DME2831-232
Medium
375
550
18
0.2
3
K, Ka
DMJ2833-222
High
600
700
18
0.2
4
K, Ka
DMJ2833-232
High
600
700
18
0.2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com