Electronic Components Datasheet Search
  English  ▼

X  

DMF Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # DMF
Description  Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DMF Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button DMF Datasheet HTML 11Page - Skyworks Solutions Inc. DMF Datasheet HTML 12Page - Skyworks Solutions Inc. DMF Datasheet HTML 13Page - Skyworks Solutions Inc. DMF Datasheet HTML 14Page - Skyworks Solutions Inc. DMF Datasheet HTML 15Page - Skyworks Solutions Inc. DMF Datasheet HTML 16Page - Skyworks Solutions Inc. DMF Datasheet HTML 17Page - Skyworks Solutions Inc. DMF Datasheet HTML 18Page - Skyworks Solutions Inc. DMF Datasheet HTML 19Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DATA SHEET • DME, DMF, DMJ SERIES SCHOTTKY MIXER DIODES
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203261B • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 18, 2017
15
3
2
1
4
Colored Dot
Denotes Pin 1
0.051 (1.30 mm)
0.055 (1.40 mm)
0.090
(2.29 mm)
Min. 4 Plcs.
0.013 (0.33 mm)
0.017 (0.43 mm)
4 Plcs.
0.003 (0.08 mm)
0.005 (0.13 mm)
4 Plcs.
0.008 (0.20 mm)
Max.
0.008 (0.20 mm)
0.012 (0.30 mm)
Epoxy Encapsulation
Au-Plated Leads
Ceramic Base
0.010
(0.25 mm)
Max.
0.030
(0.76 mm)
Max.
3
1
2
4
Schematic
Figure 13. -234 Package Dimensions
Epoxy Encapsulation
Schematic
1
3
24
0.013 (0.43 mm)
0.017 (0.43 mm)
4 Plcs.
0.003 (0.08 mm)
0.005 (0.13 mm)
4 Plcs.
0.051 (1.30 mm)
0.055 (1.40 mm)
0.008 (0.20 mm)
0.012 (0.30 mm)
0.030
(0.76 mm)
Max.
0.090 (2.29 mm)
Min. 4 Plcs.
0.008 (0.30 mm)
Max.
0.010 (0.25 mm)
Max.
3
2
1
Au-Plated Leads
Ceramic Base
4
Colored Dot
Denotes Pin 1
Figure 14. -235 Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com