Electronic Components Datasheet Search
  English  ▼

X  

DMF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # DMF
Description  Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DMF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  DMF Datasheet HTML 1Page - Skyworks Solutions Inc. DMF Datasheet HTML 2Page - Skyworks Solutions Inc. DMF Datasheet HTML 3Page - Skyworks Solutions Inc. DMF Datasheet HTML 4Page - Skyworks Solutions Inc. DMF Datasheet HTML 5Page - Skyworks Solutions Inc. DMF Datasheet HTML 6Page - Skyworks Solutions Inc. DMF Datasheet HTML 7Page - Skyworks Solutions Inc. DMF Datasheet HTML 8Page - Skyworks Solutions Inc. DMF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203261B • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 18, 2017
1
DATA SHEET
DME, DMF, DMJ Series: Silicon Beam-Lead Schottky Mixer
Diodes – Singles, Pairs, and Quads in Ceramic Hermetic
Packages
Applications
 Microwave integrated circuits
 Mixers
 Detectors
Features
 Low 1/f noise
 Low intermodulation distortion
 Hermetically sealed packages
 Statistical process control wafer fabrication
 Packages rated MSL1, 260 C per JEDEC J-STD-020)
Description
The Isolink silicon Schottky barrier mixer diodes are designed for
applications through 20 GHz.
Schottky barrier mixer diodes are made by the deposition of a
suitable barrier metal on an epitaxial silicon substrate to form the
junction. The process and choice of materials result in low series
resistance with a narrow spread of capacitance values for close
impedance control.
A variety of forward voltages are available ranging from low values
for low, or starved, local oscillator drive levels to high values for high
drive, low distortion mixer applications. These Schottky barrier
mixer diodes are available in a wide range of packages.
Capacitance ranges and series resistances are comparable with the
packaged devices that are available up to, and including, the Ka-
band.
Schottky barrier diodes are categorized by universal mixer
applications in six frequency ranges: S, C, X, Ku, K, and Ka bands
as noted in Table 1. They may also be used as modulators and
high-speed switches.
The absolute maximum ratings of the DME, DMF, and DMJ series
of Schottky mixer diodes are provided in Table 2. Electrical and
physical specifications are provided in Tables 3 through 9.
Typical performance characteristics are shown in Figures 1
through 3. Typical mixer circuits are shown in Figure 4. Package
dimensions are provided in Figures 5 through 21.
T
able 1. Frequency Table
Frequency Band
Frequency
(GHz)
S
2 to 4
C
4 to 8
X
8.2 to 12.4
Ku
12.4 to 18.0
K
18.0 to 26.5
Ka
26.5 to 40.0


Similar Part No. - DMF

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DMF ARISTA-DMF Datasheet
1Mb / 14P
DANZ Monitoring Fabric™ Simple, Scalable, Economical
October 7, 2024
DMF ARISTA-DMF Datasheet
235Kb / 3P
Multi-Cloud Director™ Unified Multi-Controller Management For DMF and CCF
November 16 021
logo
Merrimac Industries, In...
DMF-10A-300 MERRIMAC-DMF-10A-300 Datasheet
98Kb / 1P
DOUBLE BALANCED MIXER
DMF-2A-1700SQ MERRIMAC-DMF-2A-1700SQ Datasheet
297Kb / 1P
DOUBLE BALANCED MIXER
DMF-2A-250 MERRIMAC-DMF-2A-250 Datasheet
81Kb / 1P
DOUBLE BALANCED MIXERS
More results

Similar Description - DMF

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ABL1601A ASI-ABL1601A Datasheet
20Kb / 1P
SILICON BEAM LEAD SCHOTTKY DIODES SERIES TEE
logo
List of Unclassifed Man...
DMF5080-000 ETC-DMF5080-000 Datasheet
378Kb / 8P
Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
logo
M/A-COM Technology Solu...
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
GaAs Beam Lead Schottky Diodes
logo
Seme LAB
BAT54DCSM SEME-LAB-BAT54DCSM Datasheet
17Kb / 1P
DUAL SCHOTTKY DIODES IN HERMETIC CERAMIC
logo
M/A-COM Technology Solu...
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
GaAs Beam Lead Schottky Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Skyworks Solutions Inc.
CDC7630 SKYWORKS-CDC7630 Datasheet
776Kb / 8P
Zero Bias Silicon Schottky Barrier Detector Diodes in Hermetic Ceramic Packages
April 18, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com