Electronic Components Datasheet Search
  English  ▼

X  

RT8097D Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8097D
Description  2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8097D Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8097D Datasheet HTML 1Page - Richtek Technology Corporation RT8097D Datasheet HTML 2Page - Richtek Technology Corporation RT8097D Datasheet HTML 3Page - Richtek Technology Corporation RT8097D Datasheet HTML 4Page - Richtek Technology Corporation RT8097D Datasheet HTML 5Page - Richtek Technology Corporation RT8097D Datasheet HTML 6Page - Richtek Technology Corporation RT8097D Datasheet HTML 7Page - Richtek Technology Corporation RT8097D Datasheet HTML 8Page - Richtek Technology Corporation RT8097D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8097D
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8097D-07
June
2021
www.richtek.com
1
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
General Description
The RT8097D is a high efficiency synchronous step-
down DC-DC converter. Its input voltage range is from
2.7V to 6V and provides an adjustable regulated output
voltage from 0.6V to 3.4V while delivering up to 2A of
output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external
Schottky
diode. The Current
Mode
Constant-On-time (CMCOT) operation with internal
compensation allows the transient response to be
optimized over a wide range of loads and output
capacitors. The RT8097D is available in the SOT-23-
5/6 package.
Applications
STB, Cable Modem, & xDSL Platforms
LCD TV Power Supply & Metering Platforms
General Purpose Point of Load (POL)
Features
Efficiency Up to 95%
RDS(ON) 100mΩ HS / 70mΩ LS
VIN Range 2.7V to 6V
VREF 0.6V with ±1.2% Accuracy at 25°C
CMCOT
™
Control
Loop
Design
for
Best
Transient Response, Robust Loop Stability with
Low-ESR (MLCC) COUT
Soft-Start 1.2ms; PGOOD Function in SOT-23-6
Ordering Information
Package Type
B : SOT-23-5
E : SOT-23-6
RT8097D
Lead Plating System
G : Green (Halogen Free and Pb Free)
UVP Option
H : Hiccup
L : Latched-Off
D : Forced PWM
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Simplified Application Circuit
VIN
GND
RT8097D
CIN
EN
VOUT
R1
LX
L
R2
VIN
FB
COUT
PG*
*For SOT-23-6 Package Only


Similar Part No. - RT8097D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097AHGB RICHTEK-RT8097AHGB Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097AHGE RICHTEK-RT8097AHGE Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097ALGB RICHTEK-RT8097ALGB Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097ALGE RICHTEK-RT8097ALGE Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
More results

Similar Description - RT8097D

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6172 FEELING-FP6172 Datasheet
392Kb / 12P
1MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com