Electronic Components Datasheet Search
  English  ▼

X  

RT8097D Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8097D
Description  2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8097D Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8097D Datasheet HTML 1Page - Richtek Technology Corporation RT8097D Datasheet HTML 2Page - Richtek Technology Corporation RT8097D Datasheet HTML 3Page - Richtek Technology Corporation RT8097D Datasheet HTML 4Page - Richtek Technology Corporation RT8097D Datasheet HTML 5Page - Richtek Technology Corporation RT8097D Datasheet HTML 6Page - Richtek Technology Corporation RT8097D Datasheet HTML 7Page - Richtek Technology Corporation RT8097D Datasheet HTML 8Page - Richtek Technology Corporation RT8097D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT8097D
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS8097D-07
June
2021
2
Pin Configuration
(TOP VIEW)
EN GND LX
FB
VIN
4
2
3
5
SOT-23-5
EN GND LX
FB
PG VIN
4
2
3
5
6
SOT-23-6
Marking Information
5M= : Product Code
DNN : Date Code
RT8097DHGB
5M=DNN
5L= : Product Code
DNN : Date Code
RT8097DLGB
5L=DNN
2G= : Product Code
DNN : Date Code
RT8097DHGE
2G=DNN
2F= : Product Code
DNN : Date Code
RT8097DLGE
2F=DNN
Functional Pin Description
Pin No.
Pin Name
Pin Function
SOT-23-5
SOT-23-6
1
1
EN
Enable control input.
2
2
GND
Power ground.
3
3
LX
Switch node.
4
4
VIN
Supply voltage input. The RT8097D operates from a 2.7V to 6V input.
5
6
FB
Feedback voltage input. An external resistor divider from the output to
GND, tapped to the FB pin, sets the output voltage.
--
5
PG
Power good indicator. The output of this pin is an open-drain with external
pull-up resistor. PG is pulled up when the FB voltage is within 90%,
otherwise it is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com