Electronic Components Datasheet Search
  English  ▼

X  

RT9048 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9048
Description  2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9048 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9048 Datasheet HTML 1Page - Richtek Technology Corporation RT9048 Datasheet HTML 2Page - Richtek Technology Corporation RT9048 Datasheet HTML 3Page - Richtek Technology Corporation RT9048 Datasheet HTML 4Page - Richtek Technology Corporation RT9048 Datasheet HTML 5Page - Richtek Technology Corporation RT9048 Datasheet HTML 6Page - Richtek Technology Corporation RT9048 Datasheet HTML 7Page - Richtek Technology Corporation RT9048 Datasheet HTML 8Page - Richtek Technology Corporation RT9048 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9048
4
DS9048-04
June 2019
www.richtek.com
©
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Enable
EN Pin Current
IEN
VEN = 0V, VIN = 6V
--
1
10
A
Enable Threshold
Voltage
H-Level
VENH
VIN = 3.3V
0.86
1.08
1.3
V
L-Level
VENL
VIN = 3.3V
0.8
1.02
1.24
Over-Temperature Protection
OTP Trip Level
--
160
--
°C
Hysteresis
--
30
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com