Electronic Components Datasheet Search
  English  ▼

X  

RT9048 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9048
Description  2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9048 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9048 Datasheet HTML 1Page - Richtek Technology Corporation RT9048 Datasheet HTML 2Page - Richtek Technology Corporation RT9048 Datasheet HTML 3Page - Richtek Technology Corporation RT9048 Datasheet HTML 4Page - Richtek Technology Corporation RT9048 Datasheet HTML 5Page - Richtek Technology Corporation RT9048 Datasheet HTML 6Page - Richtek Technology Corporation RT9048 Datasheet HTML 7Page - Richtek Technology Corporation RT9048 Datasheet HTML 8Page - Richtek Technology Corporation RT9048 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9048
®
DS9048-04
June 2019
www.richtek.com
1
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
 RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
 Suitable for use in SnPb or Pb-free soldering processes.
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator
with Enable
General Description
The RT9048 is a high performance positive voltage regulator
designed for use in applications requiring ultra low input
voltage and ultra-low dropout voltage at up to 2A. The
feature of ultra-low dropout voltage is ideal for the
application where output voltage is very close to input
voltage. The input voltage can be as low as 1.4V and the
output voltage is adjustable by an external resistive divider
as low as 0.5V. The RT9048 provides an excellent output
voltage regulation over variations in line, load and
temperature. Over-current and over-temperature protection
functions are provided. Additionally, an enable pin is
designed to further reduce power consumption while
shutdown and the shutdown current is as low as 1.5
μA.
The RT9048 is available in the SOP-8 (Exposed Pad)
package.
Features
Input Voltage as Low as 1.4V
Ultra-Low Dropout Voltage 400mV @ 2A
Over-Current Protection
Over-Temperature Protection
1.5
μμμμμA Input Current in Shutdown Mode
Enable Control
RoHS Compliant and Halogen Free
Applications
Telecom/Networking Cards
Motherboards/Peripheral Cards
Industrial Applications
Wireless Infrastructure
Set-Top Box
Medical Equipment
Notebook Computers
Battery Powered Systems
RT9048
Lead Plating System
G : Green (Halogen Free and Pb Free)
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Simplified Application Circuit
Pin Configuration
(TOP VIEW)
SOP-8 (Exposed Pad)
NC
EN
VIN
NC
GND
ADJ
NC
VOUT
GND
2
3
4
5
6
7
8
9
Marking Information
RT9048GSP : Product Number
YMDNN : Date Code
RT9048
GSPYMDNN
EN
ADJ
VOUT
RT9048
GND
VIN
VIN
VOUT
C2
R1
R2
C1
Enable


Similar Part No. - RT9048

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
The RT9045A is a simple
RT9045GSP RICHTEK-RT9045GSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045ZSP RICHTEK-RT9045ZSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
More results

Similar Description - RT9048

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Global Mixed-mode Techn...
G9185 GMT-G9185 Datasheet
37Kb / 1P
2A Low Input /Low Dropout Linear Regulator
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com