Electronic Components Datasheet Search
  English  ▼

X  

RT9048 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9048
Description  2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9048 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9048 Datasheet HTML 1Page - Richtek Technology Corporation RT9048 Datasheet HTML 2Page - Richtek Technology Corporation RT9048 Datasheet HTML 3Page - Richtek Technology Corporation RT9048 Datasheet HTML 4Page - Richtek Technology Corporation RT9048 Datasheet HTML 5Page - Richtek Technology Corporation RT9048 Datasheet HTML 6Page - Richtek Technology Corporation RT9048 Datasheet HTML 7Page - Richtek Technology Corporation RT9048 Datasheet HTML 8Page - Richtek Technology Corporation RT9048 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9048
2
DS9048-04
June 2019
www.richtek.com
©
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Functional Block Diagram
Pin No.
Pin Name
Pin Function
1, 4, 5
NC
No internal connection.
2
EN
Enable control input (Active-High). Pulling this pin below 0.4V turns the regulator
off, reducing the quiescent current to a fraction of its operating value. The device
will be enabled if this pin is left open. Connect to VIN if not being used.
3
VIN
Supply voltage input. For regulation at full load, the input to this pin must be
between (VOUT + 0.5V) and 6V. The minimum input voltage is 1.4V. A large bulk
capacitance should be placed closely to this pin to ensure that the input supply
does not sag below 1.4V. Also, a minimum of 10
F ceramic capacitor should be
placed directly at this pin.
6
VOUT
Output voltage. A minimum of 10
F capacitor should be placed directly at this pin.
7
ADJ
Feedback voltage input. If connected to the VOUT pin, the output voltage will be
set at 0.5V. If external feedback resistors are used, the output voltage will be
determined by the resistor ratio.
8,
9 (Exposed pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
+
-
Reference
Generator
0.5V
Thermal
Shutdown
0.5µA
VIN
VPUMP
-
+
RSENSE
EN
VIN
GND
ADJ
VOUT
VIN
+
-
VIN
VOUT
Reverse Voltage
Shutdown
Operation
The RT9048 is a low dropout voltage linear regulator
designed specially for low external components system.
Output Transistor
The RT9048 builds in a N-MOSFET output transistor which
provides a low switch-on resistance for low dropout voltage
applications.
Error Amplifier
The Error Amplifier compares the internal reference voltage
with the output feedback voltage, and controls the Gate
voltage of N-MOSFET to support good line regulation and
load regulation at output voltage.
Current-Limit Protection
The RT9048 provides current limit function to prevent the
device from damages during over-load or shorted-circuit
condition. This current is detected by an internal sensing
resistor.
Over-Temperature Protection
The over-temperature protection function will turn off the
P-MOSFET when the junction temperature exceeds
160
°C (typ.). Once the junction temperature cools down
by approximately 30
°C, the regulator will automatically
resume operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com