Electronic Components Datasheet Search
  English  ▼

X  

TAS5121 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5121
Description  DIGITAL AMPLIIFIER POWER STAGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5121 Datasheet HTML 3Page - Texas Instruments TAS5121 Datasheet HTML 4Page - Texas Instruments TAS5121 Datasheet HTML 5Page - Texas Instruments TAS5121 Datasheet HTML 6Page - Texas Instruments TAS5121 Datasheet HTML 7Page - Texas Instruments TAS5121 Datasheet HTML 8Page - Texas Instruments TAS5121 Datasheet HTML 9Page - Texas Instruments TAS5121 Datasheet HTML 10Page - Texas Instruments TAS5121 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
www.ti.com
7
TYPICAL APPLICATION AND CHARACTERIZATION CONFIGURATION USED WITH TAS5026
PWM PROCESSOR
TAS5121DKD
21
20
5
14
12
11
10
9
8
GVDD_B
OUT_A
GND
PVDD_A
GND
PVDD_B
PVDD_B
PVDD_A
OUT_B
31
32
34
BST_B
OUT_B
33
GND
OUT_A
35
30
28
26
29
27
BST_A
GND
GVDD_A
23
25
22
24
7
15
16
17
13
6
2
3
4
10
µH
10
µH
4.7 k
Ω
1000
µF
PWM_AP_1
PWM_BP_1
1
µF
100
nF
100
Ω
2.7
Ω
2.7
Ω
100 nF
33 nF
100 nF
33 nF
1
µF
100 nF
H-Bridge
Power Supply
Gate-Drive
Power Supply
4.7 k
Ω
75 nH LPCB‡
PWM_AP
GVDD
GND
M2
M1
DREG
M3
DGND
RESET
OTW
DGND
SD
DVDD
DREG_RTN
GND
PWM_BP
1
Ω
1
Ω
1
GND
GVDD_B
36
18
GND
19
GVDD_A
† Voltage suppressor diodes: 1SMA33CAT3
‡ LPCB : Track in the PCB 1,0 mm wide and 50 mm long)
22
Ω
33
µF
1
µF
TVS Zener†
TVS Zener†
22
Ω
1
µF
75 nH LPCB‡
1
µF
Micro-
controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com