Electronic Components Datasheet Search
  English  ▼

X  

TAS5121 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5121
Description  DIGITAL AMPLIIFIER POWER STAGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5121 Datasheet HTML 6Page - Texas Instruments TAS5121 Datasheet HTML 7Page - Texas Instruments TAS5121 Datasheet HTML 8Page - Texas Instruments TAS5121 Datasheet HTML 9Page - Texas Instruments TAS5121 Datasheet HTML 10Page - Texas Instruments TAS5121 Datasheet HTML 11Page - Texas Instruments TAS5121 Datasheet HTML 12Page - Texas Instruments TAS5121 Datasheet HTML 13Page - Texas Instruments TAS5121 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
www.ti.com
10
THEORY OF OPERATION
POWER SUPPLIES
This power device requires only two power supply
voltages, GVDD_x and PVDD_x.
GVDD_x is the gate drive supply for the device, which is
usually supplied from an external 12-V power supply.
GVDD_x is also connected to an internal LDR that
regulates the GVDD_x voltage down to the logic power
supply, 3.3 V, for the TAS5121 internal logic blocks. Each
GVDD_x pin is decoupled to system ground by a 1-
µF
capacitor.
PVDD_x is the H-bridge power supply. Two power pins are
provided for each half-bridge due to the high current
density. It is important to follow the circuit and PCB layout
recommendations for the design of the PVDD_x
connection. For component suggestions, see the Typical
System Configuration section in this document. For layout
guidelines, see the reference design layout for the
TAS5121. Following these recommendations is important
because they influence key system parameters such as
EMI, idle current, and audio performance.
When GVDD_x is applied, while RESET is held low, the
error latches are cleared, SHUTDOWN is set high, and the
outputs are held in a high-impedance state. The bootstrap
capacitor is charged by the current path through the
internal bootstrap diode and external resistors placed on
the PCB from each OUT_x pin to ground. A subsequent
section describes the charging of the bootstrap capacitor.
Ideally, PVDD_x is applied after GVDD_x. When GVDD_x
and PVDD_x are applied, the TAS5121 is ready for
operation. PWM input signals can then be applied any time
during the power-on sequence, but they must be active
and stable before RESET is set high.
RECOMMENDATIONS FOR POWERING UP
RESET
GVDD
PVDD_X
PWM_xP
> 1 ms
> 1 ms
The following table describes the input conditions and the
output states of the device:
INPUTS
OUTPUTS
Condition
RESET
PWM
_AP
PWM
_BP
SHUT-
DOWN
OUT_
A
OUT_
B
Condition
Description
X
X
X
0
Hi-Z
Hi-Z
Shutdown
0
X
X
1
Hi-Z
Hi-Z
Reset
1
0
0
1
GND
GND
1
0
0
1
PVDD
PVDD
Normal
1
0
1
1
GND
PVDD
Normal
1
1
1
1
PVDD
PVDD
Reserved
After the previously mentioned conditions are met, the
device output begins. If PWM_AP is equal to a high and
PMW_BP is equal to a low, the high-side MOSFET in the
A half-bridge of the output H-bridge conducts while the
low-side MOSFET in the A half-bridge is not conducting.
Because the source of the high-side MOSFET is
referenced to the drain of the low-side MOSFET, a
bootstrapped gate drive is used to eliminate the need for
additional high-voltage power supplies. Under the above
condition, the opposite is true for the B half-bridge of the
output H-bridge. The low-side MOSFET in B half-bridge
conducts while the high-side MOSFET is not conducting;
therefore, the load connected between the OUT_A and
OUT_B pins has PVDD applied to it from the A side while
ground is applied from the B side for the period of time
PWM_AP is high and PWM_BP is low. Furthermore, when
the PWM signals change to the condition where PWM_AP
is low and PWM_BP is high, the opposite condition exists.
A constant high level is not permitted on the PWM inputs.
This condition causes the bootstrap capacitors to
discharge and can cause device damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com