Electronic Components Datasheet Search
  English  ▼

X  

TAS5121 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5121
Description  DIGITAL AMPLIIFIER POWER STAGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5121 Datasheet HTML 9Page - Texas Instruments TAS5121 Datasheet HTML 10Page - Texas Instruments TAS5121 Datasheet HTML 11Page - Texas Instruments TAS5121 Datasheet HTML 12Page - Texas Instruments TAS5121 Datasheet HTML 13Page - Texas Instruments TAS5121 Datasheet HTML 14Page - Texas Instruments TAS5121 Datasheet HTML 15Page - Texas Instruments TAS5121 Datasheet HTML 16Page - Texas Instruments TAS5121 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
www.ti.com
13
Table 3. Output Mode Selection
M3
OUTPUT MODE
0
Bridge-tied load output stage (BTL)
1
Reserved
APPLICATION INFORMATION
DEMODULATION FILTER DESIGN
The TAS5121 amplifier outputs are driven by high-current
DMOS transistors in an H-bridge configuration. These
transistors are either off or fully on.
The result is a square-wave output signal with a duty cycle
that is proportional to the amplitude of the audio signal. It
is recommended that a second-order LC filter be used to
recover the audio signal.
Output A
C1
TAS5121
L
Output B
L
C2
R(Load)
Figure 10. Demodulation Filter
The main purpose of the demodulation filter is to attenuate
the high-frequency components of the output signals that
are out of the audio band.
Design of the demodulation filter affects the audio
performance of the power amplifier significantly. As a
result, to ensure proper operation of the overcurrent (OC)
protection
circuit
and
meet
the
device
THD+N
specifications, the selection of the inductors used in the
output filter must be considered according to the following.
The rule is that the inductance should remain stable within
the range of peak current seen at maximum output power
and deliver approximately 5
µH of inductance at 15 A.
If this rule is observed, the TAS5121 should not have
distortion issues due to the output inductors. This prevents
device damage due to overcurrent conditions because of
inductor saturation in the output filter.
Another parameter to be considered is the idle current loss
in the inductor. This can be measured or specified as
inductor dissipation (D). The target specification for
dissipation is less than 0.05. If this specification is not met,
idle current increases.
In general, 10-
µH inductors suffice for most applications.
The frequency response of the amplifier is slightly altered
by the change in output load resistance; however, unless
tight control of frequency response is necessary (better
than 0.5 dB), it is not necessary to deviate from 10
µH.
The graphs in Figure 11 display the inductance vs current
characteristics of two inductors that are suggested for use
with the TAS5121.
Figure 11. Inductance Saturation
I − Current − A
4
5
6
7
8
9
10
11
0
5
10
15
INDUCTANCE
vs
CURRENT
DBF1310A
DASL983XX−1023
The selection of the capacitors that are placed from the
output of each inductor to ground is simple. To complete
the output filter, use a 1-
µF capacitor with a voltage rating
at least twice the voltage applied to the output stage
(PVDD_x).
This capacitor should be a good quality polyester
dielectric.
THERMAL INFORMATION
The following is provided as an example.
The thermally enhanced package provided with the
TAS5121 are designed to be interfaced directly to
heatsinks using a thermal interface compound (for
example, Wakefield Engineering type 126 thermal
grease.) The heatsink then absorbs heat from the ICs and
transfers it to the ambient air. If the heatsink is carefully
designed, this process can reach equilibrium and heat can
be continually removed from the ICs without device
overtemperature shutdown. Because of the efficiency of
the TAS5121, heatsinks are smaller than those required
for linear amplifiers of equivalent performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com