Electronic Components Datasheet Search
  English  ▼

X  

LOG200 Datasheet(PDF) 15 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 11Page - Texas Instruments LOG200 Datasheet HTML 12Page - Texas Instruments LOG200 Datasheet HTML 13Page - Texas Instruments LOG200 Datasheet HTML 14Page - Texas Instruments LOG200 Datasheet HTML 15Page - Texas Instruments LOG200 Datasheet HTML 16Page - Texas Instruments LOG200 Datasheet HTML 17Page - Texas Instruments LOG200 Datasheet HTML 18Page - Texas Instruments LOG200 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
8.2.1.1 Design Requirements
For this application, the design requirements are as follows:
• VS+ = 5 V, VS– = –5 V, VCM = GND, REFA = GND
• IREF (1 µA) connected to I2
• Input current range: 10 nA ≤ I1 ≤ 100 µA
• Photodiode: GP8195-12
– VR = 5 V
– 20 pA dark current (typical)
– 1-pF typical capacitance (1.5
‑pF maximum)
– Spectral response range from λ = 0.9 μm to λ = 1.7 μm
For bench testing of the system, the following configuration is used:
• Laser diode: LPS-1310-FC
– λ = 1.31 μm
– Threshold current 5 mA to 20 mA
– Current control mode used
• Laser controller: THOR CLD1010
• Variable attenuator: VOA50-FC-SM 50-dB in-line
• External modulation: Agilent 33250A 80
‑MHz waveform generator
8.2.1.2 Detailed Design Procedure
The G8195-12 photodiode was used with a fixed reverse bias voltage of 5 V. The cathode was connected to
the VS+ 5-V supply, and the anode to the I1 pin. GND is used for the VCM potential. The IBIAS feature and
REF165 voltage reference were not needed; therefore, the IBIAS and REF165 pins are left floating. The auxiliary
amplifier was not needed; therefore, the auxiliary amplifier was placed in a buffer configuration and used to
buffer the REF25 reference voltage.
GND was used for the REFA input of the logarithmic difference amplifier. The circuit output follows the
expression
VLOGOUT=250mV×log10 I11µA
(8)
such that the expected output for a 100-nA input is –500 mV, the expected output for a 10-µA input is 250 mV,
and so on.
www.ti.com
LOG200
SBOSA28 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com