Electronic Components Datasheet Search
  English  ▼

X  

LOG200 Datasheet(PDF) 16 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 12Page - Texas Instruments LOG200 Datasheet HTML 13Page - Texas Instruments LOG200 Datasheet HTML 14Page - Texas Instruments LOG200 Datasheet HTML 15Page - Texas Instruments LOG200 Datasheet HTML 16Page - Texas Instruments LOG200 Datasheet HTML 17Page - Texas Instruments LOG200 Datasheet HTML 18Page - Texas Instruments LOG200 Datasheet HTML 19Page - Texas Instruments LOG200 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
8.2.1.3 Application Curves
The following figures show oscilloscope captures of the LOG200 output as the device responds to one-decade
shifts in the input current. Rising and falling steps between 10 nA and 100 nA, and between 10 µA and 100 µA,
were recorded. The oscilloscope was set to use the ac-coupled path.
For the current steps between 10 nA and 100 nA, a 10-mA laser diode bias was used. A rise time of
approximately 268 ns and a fall time of approximately 626 ns were observed.
Figure 8-6. Oscilloscope Capture of a 10
‑nA to
100
‑nA Current Step
Figure 8-7. Oscilloscope Capture of a 100
‑nA to
10
‑nA Current Step
For the current steps between 10 µA and 100 µA, a 13
‑mA laser diode bias was used. A rise time of
approximately 45.60 ns and a fall time of approximately 55.60 ns were observed.
Figure 8-8. Oscilloscope Capture of a 10
‑µA to
100
‑µA Current Step
Figure 8-9. Oscilloscope Capture of a 100
‑µA to
10
‑µA Current Step
LOG200
SBOSA28 – AUGUST 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com