Electronic Components Datasheet Search
  English  ▼

X  

LOG200 Datasheet(PDF) 9 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments LOG200 Datasheet HTML 11Page - Texas Instruments LOG200 Datasheet HTML 12Page - Texas Instruments LOG200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
7 Detailed Description
7.1 Overview
The LOG200 is a wide-dynamic-range current-to-voltage amplifier specifically designed to optimize current
measurements across 160 dB of dynamic range with unparalleled accuracy and speed for optical
communications, medical diagnostics, and industrial process control measurements. The LOG200 features two
logarithmic amplifiers followed by a high-accuracy differential amplifier to convert current signals into a single-
ended voltage that represents the log-compressed ratio of the two currents. The current inputs are designed
to feature a high-speed response from one input, and a highly accurate reference signal on the other input,
allowing for a unique combination of fast transient response and high logarithmic conformity.
The LOG200 ratio is internally set to 250 mV/decade of current-to-voltage conversion. The device integrates an
uncommitted high-speed amplifier to allow the output to be configured for differential or filtered responses, with a
fast settling time to drive successive approximation analog-to-digital converters (SAR ADCs). The LOG200 also
features a separate reference current and reference voltage designed to configure the device for optimal input
current and common-mode voltages.
7.2 Functional Block Diagram
I2
I1
Logarithmic
Amplifier
(A)
VCM
Logarithmic
Amplifier
VCM
(B)
Difference
Amplifier
Auxiliary
Amplifier
REFA
OUTA
OUTB
+IN
–IN
Voltage
References
REF25
REF165
Current
Reference
IREF
Adaptive
Photodiode Bias
IBIAS
A.
Either IREF or an external source drive I2.
B.
Either REF25, REF165, or an external source drive VCM. Comply with the input common-mode voltage constraints so that the input
logarithmic amplifiers have sufficient headroom.
7.3 Feature Description
7.3.1 High Speed, Logarithmic Current-to-Voltage Conversion
The LOG200 converts current into voltage using an advanced, high-speed amplifier architecture. By dynamically
controlling the amplifier open-loop gain, the LOG200 achieves transient response from low-to-high current and
high-to-low current measurements significantly faster than previous-generation logarithmic amplifiers.
The LOG200 features two current inputs, I1 and I2. The I1 input is optimized for speed, facilitating the excellent
transient response of the device to changes in the current to be measured. The I2 input is optimized for precision
and accuracy, intended for use with a current reference such as the onboard 1-μA reference. If an external
current in excess of 100 μA is used for I2, implementation of a snubber network can improve device stability.
The effective capacitance at a current input pin establishes the effective bandwidth of the corresponding
feedback loop, and thus the effective device bandwidth. Photodiode capacitance and system parasitics both
play a role and must be considered for stability and transient performance analyses.
www.ti.com
LOG200
SBOSA28 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com