Electronic Components Datasheet Search
  English  ▼

X  

VV6501 Datasheet(PDF) 51 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 47Page - STMicroelectronics VV6501 Datasheet HTML 48Page - STMicroelectronics VV6501 Datasheet HTML 49Page - STMicroelectronics VV6501 Datasheet HTML 50Page - STMicroelectronics VV6501 Datasheet HTML 51Page - STMicroelectronics VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics VV6501 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
51/60
VV6501
Defect Categorisation
8
Defect Categorisation
8.1
Introduction
Two distinct categories of defects are discussed in this section:
q
Pixel defects (
Section 8.2 - Section 8.5)
q
Physical aberrations (
Section 8.6)
The two categories differ in terms of test methodology as explained below.
8.2
Pixel defects
All packaged CMOS image sensors can contain impurities, either silicon faults, optical blemishes or
external dirt particles which can be introduced in the product at various stages of the manufacturing
process. These impurities can result in pixel defects, that is a pixel whose output is not consistent
with the level of incident light falling on the image sensor. Precise definitions of the type of pixel
defect tested by STMicroelectronics are outlined below. The ability to identify and correct these
defects is central to both the design requirements and quality certification, via test of
STMicroelectronics sensor products.
STMicroelectronics produces a number of hardware co-processors and software drivers that
implement defect correction algorithms. The defect correction algorithms ensure that the VV6501
sensor in conjunction with a companion STMicroelectronics co-processor will produce a high quality
final image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com