Electronic Components Datasheet Search
  English  ▼

X  

STP120NF04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP120NF04
Description  N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF04 Datasheet(HTML) 1 Page - STMicroelectronics

  STP120NF04_06 Datasheet HTML 1Page - STMicroelectronics STP120NF04_06 Datasheet HTML 2Page - STMicroelectronics STP120NF04_06 Datasheet HTML 3Page - STMicroelectronics STP120NF04_06 Datasheet HTML 4Page - STMicroelectronics STP120NF04_06 Datasheet HTML 5Page - STMicroelectronics STP120NF04_06 Datasheet HTML 6Page - STMicroelectronics STP120NF04_06 Datasheet HTML 7Page - STMicroelectronics STP120NF04_06 Datasheet HTML 8Page - STMicroelectronics STP120NF04_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2006
Rev 2
1/14
14
STP120NF04
N-channel 40V - 0.0047
Ω - 120A TO-220
STripFET™ II MOSFET
General features
■ Standard threshold drive
■ 100% avalanche tested
Description
This MOSFET is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STP120NF04
40V
<0.0050
Ω
120A
300W
1
2
3
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP120NF04
P120NF04
TO-220
Tube


Similar Part No. - STP120NF04_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
15-Feb-2005
logo
Inchange Semiconductor ...
STP120NF04 ISC-STP120NF04 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP120NF04_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET™ II POWER MOSFET
Feb-2002
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
15-Feb-2005
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com